Electronic Components Datasheet Search
  English  ▼

X  

6000 Datasheet(PDF) 2 Page - Keysight Technologies

Part # 6000
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

6000 Datasheet(HTML) 2 Page - Keysight Technologies

  6000 Datasheet HTML 1Page - Keysight Technologies 6000 Datasheet HTML 2Page - Keysight Technologies 6000 Datasheet HTML 3Page - Keysight Technologies 6000 Datasheet HTML 4Page - Keysight Technologies 6000 Datasheet HTML 5Page - Keysight Technologies 6000 Datasheet HTML 6Page - Keysight Technologies 6000 Datasheet HTML 7Page - Keysight Technologies 6000 Datasheet HTML 8Page - Keysight Technologies 6000 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
02 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
In the past, if you wanted an oscilloscope with exceptional
performance, you could expect to pay a premium. Not anymore.
The InfiniiVision 6000 X-Series oscilloscopes combine price and
performance to set a new standard in the portable oscilloscope
world. Imagine a 6.8-kg, 6-GHz bandwidth oscilloscope that
sees and triggers on everything, helps you visualize complex
waveforms and grows with your projects — at a starting price of
just $29,500 (USD).
The InfiniiVision 6000 X-Series oscilloscopes are designed for the
most demanding engineers who want bandwidth, visualization
power and the flexibility that comes with integrated capabilities —
but with portability, a familiar embedded OS user interface, and
an affordable price.
New bandwidth standard: Capture higher-
frequency waveforms
An oscilloscope’s bandwidth determines the maximum frequency
content it can acquire and visualize. In today’s budget-
challenged environment, engineers frequently are forced to make
compromises between more bandwidth and limited budget. The
6000 X-Series delivers the answer with an affordable 6-GHz
bandwidth and an incredibly low noise floor of 210 µVrms at
1 mV/div to help you make the most accurate measurements.
New visualization standard: Isolate waveforms of
interest
The new InfiniiVision 6000 X-Series’ 450,000 waveforms-per-
second update rate coupled with the exclusive hardware-
based InfiniiScan Zone touch trigger provide unprecedented
visualization power to help you isolate your waveforms of interest.
Add a whole new depth of “visualization” to your designs with
features like the industry’s first 12-inch multi-touch capacitive
touch screen with gesture support, the first embedded-OS-
oscilloscope optional jitter/real-time eye analysis, and standard
histogram and color grade.
New integration standard: Make your job easier
The 6000 X-Series has 6-in1 integration, combining digital
channels, serial protocol analysis, a built-in dual-channel
waveform generator, built-in digital multimeter, and built-in
10-digit counter with totalizer. It also integrates multi-language
voice control for the first time in an oscilloscope. It weighs only
6.8 kg, measures only 15.4 cm deep, and consumes only 200 W,
making the 6000 X-Series the world’s most environmentally-
friendly multi-GHz portable oscilloscope.
The InfiniiVision 6000 X-Series sets the new standard.
Key features of the 6000 X-Series oscilloscopes
New bandwidth standard:
– Portable, 6-GHz, 20-GSa/s model starts at $29,500 (USD)
– 210-µVrms noise floor at 1 mV/div (6 GHz)
– 115-µVrms noise floor at 1 mV/div (1 GHz)
New visualization standard:
– > 450,000 wfms/sec update rate
– Hardware InfiniiScan Zone touch trigger
– 12.1-inch capacitive multi-touch screen
– Histogram, color grade, jitter analysis (option), real-time eye
diagram analysis (option), and more
New integration standard:
– 6 instruments in 1 (now with 10-digit counter)
– Standard multi-language voice control
– Bandwidth and options are upgradable
New Standard for Price Performance: Bandwidth, Visualization, and Integration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com