Electronic Components Datasheet Search
  English  ▼

X  

ADP1762 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1762
Description  CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1762 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1762 Datasheet HTML 11Page - Analog Devices ADP1762 Datasheet HTML 12Page - Analog Devices ADP1762 Datasheet HTML 13Page - Analog Devices ADP1762 Datasheet HTML 14Page - Analog Devices ADP1762 Datasheet HTML 15Page - Analog Devices ADP1762 Datasheet HTML 16Page - Analog Devices ADP1762 Datasheet HTML 17Page - Analog Devices ADP1762 Datasheet HTML 18Page - Analog Devices ADP1762 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
ADP1761
Rev. 0 | Page 15 of 18
Figure 34 through Figure 39 show the junction temperature
calculations for the different ambient temperatures, load
currents, VIN to VOUT differentials, and areas of PCB copper.
0
20
40
60
80
100
120
140
0.20.4
0.60.81.01.21.41.6
VIN – VOUT (V)
TJ MAX
10mA
100mA
500mA
1A
Figure 34. 6400 mm2 of PCB Copper, TA = 25°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10mA
100mA
500mA
1A
TJ MAX
Figure 35. 500 mm2 of PCB Copper, TA = 25°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.20.40.60.81.01.21.41.6
10mA
100mA
500mA
1A
TJ MAX
Figure 36. 25 mm2 of PCB Copper, TA = 25°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10mA
100mA
500mA
1A
TJ MAX
Figure 37. 6400 mm2 of PCB Copper, TA = 50°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10mA
100mA
500mA
1A
TJ MAX
Figure 38. 500 mm2 of PCB Copper, TA = 50°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.20.4
0.60.81.01.2
1.41.6
10mA
100mA
500mA
1A
TJ MAX
Figure 39. 25 mm2 of PCB Copper, TA = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com