Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1763
Description  CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 11Page - Analog Devices ADP1763 Datasheet HTML 12Page - Analog Devices ADP1763 Datasheet HTML 13Page - Analog Devices ADP1763 Datasheet HTML 14Page - Analog Devices ADP1763 Datasheet HTML 15Page - Analog Devices ADP1763 Datasheet HTML 16Page - Analog Devices ADP1763 Datasheet HTML 17Page - Analog Devices ADP1763 Datasheet HTML 18Page - Analog Devices ADP1763 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
ADP1763
Rev. 0 | Page 17 of 18
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
3A
2A
1A
500mA
10mA
100mA
TJ MAX
Figure 44. 1000 mm2 of PCB Copper, TB = 50°C, LFCSP
TB = 92°C
TADP1763 =112°C
Figure 45. Thermal Image of the ADP1763 Evaluation Board at ILOAD = 3 A,
VIN = 1.5 V, VOUT = 1.3 V, TB = 92°C
Figure 45 shows a thermal image of the ADP1763 evaluation
board operating at a 3 A current load. The total power dissipation
on the ADP1763 is 600 mW, which makes the temperature on
the surface of the device higher by 30°C than the temperature of
the evaluation board.
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of ADP1763. However,
as shown in Table 8, a point of diminishing returns is eventually
reached, beyond which an increase in the copper size does not
yield significant heat dissipation benefits.
Use the following recommendations when designing PCBs:
Place the input capacitor as close as possible to the VIN
and GND pins.
Place the output capacitor as close as possible to the VOUT
and GND pins.
Place the soft start capacitor (CSS) as close as possible to the
SS pin.
Place the reference capacitor (CREF) and regulator capacitor
(CREG) as close as possible to the REFCAP pin and VREG pin,
respectively.
Connect the load as close as possible to the VOUT and
SENSE pins.
Use of 0603 or 0805 size capacitors and resistors achieves the
smallest possible footprint solution on boards where area is
limited.
Figure 46. Evaluation Board
Figure 47. Typical Board Layout, Top Side
Figure 48. Typical Board Layout, Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com