Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5071
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices ADP5071 Datasheet HTML 11Page - Analog Devices ADP5071 Datasheet HTML 12Page - Analog Devices ADP5071 Datasheet HTML 13Page - Analog Devices ADP5071 Datasheet HTML 14Page - Analog Devices ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
ADP5070
Rev. A | Page 11 of 27
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
0.06
0.04
0.02
0.08
0.12
0.10
INVERTING REGULATOR LOAD (A)
Figure 22. Cross Regulation, Boost Regulator VFB1 Regulation over Inverting
Regulator Current Load, VIN = 5 V, VPOS = 15 V, VNEG = -15 V,
fSW = 2.4 MHz, TA = 25°C, Boost Regulator Run in Continuous Conduction
Mode with Fixed Load for Test
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
Figure 23. Boost Regulator Current Limit (ILIMIT) vs. Input Voltage (VIN) over
Temperature
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
2.24
2.29
2.34
2.39
2.44
2.49
2.54
Figure 24. Oscillator Frequency vs. Input Voltage (VIN) over Temperature,
SYNC/FREQ Pin = High
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
0.15
0.10
0.05
0.20
0.25
BOOST REGULATOR LOAD (A)
Figure 25. Cross Regulation, Inverting Regulator VFB2 Regulation over Boost
Regulator Current Load, VIN = 5 V, VPOS = 15 V, VNEG = −15 V,
fSW = 2.4 MHz, TA = 25°C, Inverting Regulator Run in Continuous Conduction
Mode with Fixed Load for Test
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
0.60
0.62
0.64
0.66
0.68
0.70
0.72
Figure 26. Inverting Regulator Current Limit (ILIMIT) vs. Input Voltage (VIN) over
Temperature
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
1.13
1.27
1.25
1.23
1.21
1.19
1.17
1.15
Figure 27. Oscillator Frequency vs. Input Voltage (VIN) over Temperature,
SYNC/FREQ Pin = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com