Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5071
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 10Page - Analog Devices ADP5071 Datasheet HTML 11Page - Analog Devices ADP5071 Datasheet HTML 12Page - Analog Devices ADP5071 Datasheet HTML 13Page - Analog Devices ADP5071 Datasheet HTML 14Page - Analog Devices ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices ADP5071 Datasheet HTML 17Page - Analog Devices ADP5071 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
ADP5071
Rev. A | Page 13 of 27
CH1 200mA BW
CH3 500mV
B
W
CH2 2.5V Ω BW 2.0µs
CH1
0.0A
1
3
2
T 34.6%
T
VPOS
IINDUCTOR
SW1
Figure 34. Boost Regulator Skip Mode Operation Showing Inductor Current
(IINDUCTOR), Switch Node Voltage, and Output Ripple, VIN = 5 V,
VPOS = 15 V, ILOAD1 = 4 mA, fSW = 2.4 MHz, TA = 25°C
CH1 200mA BW
CH3 500mV
B
W
CH2 2.5V Ω BW 100ns
CH1
152mA
1
3
2
T 34.6%
T
VPOS
IINDUCTOR
SW1
Figure 35. Boost Regulator Discontinuous Conduction Mode Operation
Showing Inductor Current (IINDUCTOR), Switch Node Voltage, and Output
Ripple, VIN = 5 V, VPOS = 15 V, ILOAD1 = 35 mA, fSW = 2.4 MHz, TA = 25°C
CH1 200mA BW
CH3 500mV
B
W
CH2 2.5V Ω BW 100ns
CH1
152mA
1
3
2
T 34.6%
T
VPOS
IINDUCTOR
SW1
Figure 36. Boost Regulator Continuous Conduction Mode Operation
Showing Inductor Current (IINDUCTOR), Switch Node Voltage, and Output
Ripple, VIN = 5 V, VPOS = 15 V, ILOAD1 = 90 mA, fSW = 2.4 MHz, TA = 25°C
CH1 100mA BW
CH3 500mV
B
W
CH2 5V Ω BW 2.0µs
CH1
0A
1
3
2
T 17.4%
T
VNEG
IINDUCTOR
SW2
Figure 37. Inverting Regulator Skip Mode Operation Showing Inductor
Current (IINDUCTOR), Switch Node Voltage, and Output Ripple, VIN = 5 V,
VNEG = −5 V, ILOAD2 = 1 mA, fSW = 2.4 MHz, TA = 25°C
CH1 100mA BW
CH3 500mV
B
W
CH2 5.0V Ω BW 100ns
CH1
80mA
1
3
2
T 17.4%
T
VNEG
IINDUCTOR
SW2
Figure 38. Inverting Regulator Discontinuous Conduction Mode Operation
Showing Inductor Current (IINDUCTOR), Switch Node Voltage, and Output Ripple,
VIN = 5 V, VNEG = −5 V, ILOAD2 = 6 mA, fSW = 2.4 MHz, TA = 25°C
CH1 100mA BW
CH3 500mV
B
W
CH2 5V Ω BW 100ns
CH1
172mA
1
3
2
T 17.4%s
T
VNEG
IINDUCTOR
SW2
Figure 39. Inverting Regulator Continuous Conduction Mode Operation
Showing Inductor Current (IINDUCTOR), Switch Node Voltage, and Output
Ripple, VIN = 5 V, VNEG = −5 V, ILOAD2 = 35 mA, fSW = 2.4 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com