Electronic Components Datasheet Search
  English  ▼

X  

ADM7154 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM7154
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7154 Datasheet(HTML) 5 Page - Analog Devices

  ADM7154 Datasheet HTML 1Page - Analog Devices ADM7154 Datasheet HTML 2Page - Analog Devices ADM7154 Datasheet HTML 3Page - Analog Devices ADM7154 Datasheet HTML 4Page - Analog Devices ADM7154 Datasheet HTML 5Page - Analog Devices ADM7154 Datasheet HTML 6Page - Analog Devices ADM7154 Datasheet HTML 7Page - Analog Devices ADM7154 Datasheet HTML 8Page - Analog Devices ADM7154 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 4 of 22
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VREG UVLO THRESHOLDS7
Rising
VREGUVLORISE
1.94
V
Falling
VREGUVLOFALL
1.60
V
Hysteresis
VREGUVLOHYS
185
mV
EN INPUT PRECISION
2.3 V ≤ VIN ≤ 5.5 V
EN Input
Logic High
VEN_HIGH
1.13
1.22
1.31
V
Logic Low
VEN_LOW
1.05
1.13
1.22
V
Logic Hysteresis
VEN_HYS
90
mV
LEAKAGE CURRENT
REF_SENSE
IREF_SENSE_LKG
10
nA
EN
IEN_LKG
EN = VIN or GND
0.01
1
μA
1 Guaranteed by characterization but not production tested.
2 The ADP7158 is available in 16 standard voltages between 1.2 V and 3.3 V, including 1.2 V, 1.3 V, 1.5 V, 1.6 V, 1.8 V, 2.0 V, 2.2 V, 2.5 V, 2.6 V, 2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V,
3.2 V, and 3.3 V.
3 Based on an endpoint calculation using 10 mA and 2 A loads.
4 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
5 Dropout voltage is defined as the input to output voltage differential when the input voltage is set to the nominal output voltage. Dropout voltage applies only for
output voltages greater than 2.3 V.
6 Start-up time is defined as the time between the rising edge of VEN to VOUT, VREG, or VREF being at 90% of its nominal value.
7 The output voltage is disabled until the VREG UVLO rise threshold is crossed. The VREG output is disabled until the input voltage UVLO rising threshold is crossed.
INPUT AND OUTPUT CAPACITORS, RECOMMENDED SPECIFICATIONS
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
MINIMUM CAPACITANCE
TA = −40°C to +125°C
Input1
CIN
10.0
μF
Regulator
CREG
1.0
μF
Output1
COUT
10.0
μF
Bypass
CBYP
1.0
μF
Reference
CREF
1.0
μF
CAPACITOR EFFECTIVE SERIES RESISTANCE (ESR)
TA = −40°C to +125°C
COUT, CIN
RESR
0.001
0.1
Ω
CREG, CREF
RESR
0.001
0.2
Ω
CBYP
RESR
0.001
2.0
Ω
1 The minimum input and output capacitance must be greater than 7.0 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any low dropout regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com