Electronic Components Datasheet Search
  English  ▼

X  

ML610Q408 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q408
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q408 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q408 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q408 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
FEDL610Q409-05
ML610Q407/ML610Q408/ML610Q409
2/34
• Capture
− Time base capture × 2 channels (4096 Hz to 32 Hz)
• PWM
− Resolution 16 bits × 1 channel
• Synchronous serial port
− Master/slave selectable × 2 channel
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
• UART
− Half-Duplex Communication
− TXD/RXD × 1 channel
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• Melody driver
− Scale: 29 types (Melody sound frequency: 508 Hz to 32.768 kHz)
− Tone length: 63 types
−Tempo: 15 types
− Buzzer output mode (4 output modes, 8 frequencies, 16 duty levels)
• RC oscillation type A/D converter
− 16-bit counter
− Time division × 2 channels
• General-purpose ports
− Input-only port × 5 channels (including secondary functions)
− Output-only port
ML610Q407:
× 12 channels (including secondary functions)
ML610Q408:
× 8 channels (including secondary functions)
ML610Q409:
× 4 channels (including secondary functions)
− Input/output port × 22 channels (including secondary functions)
• LCD driver
− The number of segments
ML610Q407: 145 dots max. (29seg
×5com, 30seg×4com, 31seg×3com, and 32seg×2com selectable)
ML610Q408: 165 dots max. (33seg
×5com, 34seg×4com, 35seg×3com, and 36seg×2com selectable)
ML610Q409: 185 dots max. (37seg
×5com, 38seg×4com, 39seg×3com, and 40seg×2com selectable)
− 1/1 to 1/5 duty
− 1/2(*), 1/3 bias (built-in bias generation circuit)
− Frame frequency selecable: approx. 64Hz, 73Hz, 85Hz, and 102Hz
− Bias voltage multiplying clock selectable (8 types)
− LCD drive stop mode, LCD display mode, all LCDs on mode, and all LCDs off mode selectable
− Programmable display allocation function
(*) 1/2 bias is supported by A version and D version
• Reset
− Reset through the RESET_N pin
− Power-on reset generation when powered on
− Reset when oscillation stop of the low-speed clock is detected (Not supported in A version)
− Reset by the watchdog timer (WDT) overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com