Electronic Components Datasheet Search
  English  ▼

X  

ML610Q421 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
ML610Q422 Chip Pin Layout & Dimension
SEG49
89
58
SEG18
COM0
90
57
SEG17
COM1
91
56
SEG16
COM2
92
55
SEG15
COM3
93
54
SEG14
COM4
94
53
SEG13
COM5
95
52
SEG12
COM6
96
51
SEG11
COM7
97
50
SEG10
COM8
98
49
SEG9
COM9
99
48
SEG8
COM10
100
47
SEG7
COM11
101
46
SEG6
COM12
102
45
SEG5
COM13
103
44
SEG4
COM14
104
43
SEG3
COM15
105
42
SEG2
P20/LED0
106
P21/LED1
107
P22/LED2
108
P40/SDA
109
P41/SCL
110
Vss
111
AVSS
112
VREF
113
AIN0
114
AIN1
115
AVDD
116
41
40
39
38
37
36
35
34
33
32
30
31
SEG1
SEG0
VDD
P11
P10
Vss
P03
P02
P01
P00
C3
C4
2.98mm
3.02mm
Note:
The assignment of the pads P30 to P35 are not in order.
Chip size:
2.98 mm
× 3.02 mm
PAD count:
116 pins
Minimum PAD pitch:
80
µm
PAD aperture:
70
µm × 70 µm
Chip thickness:
350
µm
Voltage of the rear side of chip:
VSS level
Figure 6 ML610Q422 Chip Layout & Dimension
10/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com