Electronic Components Datasheet Search
  English  ▼

X  

ML610Q429 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q429
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q429 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q429 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q429 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FEDL610Q428-04
ML610Q428/ML610Q429
21/34
OPERATING CONDITIONS OF FLASH ROM
(VSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
At write/erase
0 to +40
°C
Operating voltage
VDD
At write/erase
*1
2.75 to 3.6
V
VDDL
At write/erase
*1
2.5 to 2.75
VPP
At write/erase
*1
7.7 to 8.3
Write cycles
CEP
80
cycles
Data retention
YDR
10
years
*1: In addition the power supply to VDD pin and VPP pin, within the range 2.5V to 2.75V has to be supplied to VDDL
pin when programming and eraseing Flash ROM.
DC CHARACTERISTICS (1/5)
(VDD = 1.1 to 3.6V, VSS = 0V, Ta = −20 to +70°C, unless otherwise specified) (1/5)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
500kHz RC oscillation frequency
fRC
VDD =
1.3 to
3.6V
Ta = 25
°C
Typ.
−10%
500
Typ.
+10%
kHz
1
Ta =
−20 to
+70
°C
Typ.
−25%
500
Typ.
+25%
kHz
PLL oscillation frequency*
4
fPLL
LSCLK = 32.768kHz
VDD = 1.8 to 3.6V
-2.5%
8.192
+2.5%
MHz
Low-speed crystal oscillation
start time*
2
TXTL
0.3
2
s
500kHz RC oscillation start time
TRC
50
500
µs
High-speed crystal oscillation
start time*
3
TXTH
VDD = 1.8 to 3.6V
―
2
20
ms
PLL oscillation start time
TPLL
VDD = 1.8 to 3.6V
―
1
10
Low-speed oscillation stop detect
time
*1
TSTOP
0.2
3
20
Reset pulse width
PRST
200
µs
Reset noise elimination
pulse width
PNRST
0.3
Power-on reset activation
power rise time
TPOR
10
ms
*1: When low-speed crystal oscillation stops for a duration more than the low-speed oscillation stop detect time, the system is reset to shift to
system reset mode.
*
2 : Use 32.768kHz crystal resonator DT-26 (Load capacitance 6pF) (made by KDS:DAISHINKU CORP.) is used (C
GL=CDL=12pF).
*
3 : Use 4.096MHz Crystal Oscillator CHC49SFWB (Kyocera).
*
4: 1024 clock average.
[Reset pulse width]
[Power-on reset activation power rise time]
RESET_N
Reset pulse width (PRST)
PRST
VIL1
VIL1
VDD
0.9xVDD
0.1xVDD
TPOR
Power-on reset activation power rise time (TPOR )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com