Electronic Components Datasheet Search
  English  ▼

X  

ML610Q439 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q439
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q439 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q439 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
FEDL610Q438-04
ML610Q438/ML610Q439
21/39
TERMINATION OF UNUSED PINS
Table 3 shows methods of terminating the unused pins.
Table 3
Termination of Unused Pins
Pin
Recommended pin termination
VPP
Open
AVDD
VSS
AVSS
VSS
VREF
VSS
AIN0, AIN1
Open
VL1, VL2, VL3, VL4
Open
C1, C2, C3, C4
Open
RESET_N
Open
TEST
Open
NMI
Open
P00 to P07
VDD or VSS
P10 to P11
VDD
P20 to P22
Open
P30 to P35
Open
P40 to P47
Open
PA0 to PA5
Open
COM0 to 23
Open
SEG0 to 63
Open
Note:
It is recommended to set the unused input ports and input/output ports to the inputs with pull-down resistors/pull-up resistors or
the output mode since the supply current may become excessively large if the pins are left open in the high impedance input
setting.
The main difference points of ML610Q438 and ML610Q439
Table 4
The main difference points of ML610Q438 and ML610Q439.
Function
ML610Q438
ML610Q439
LCD COM
COM23 to COM0
COM15 to COM0
LCD SEG
SEG55 to SEG0
SEG63 to SEG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com