Electronic Components Datasheet Search
  English  ▼

X  

PS60 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS60
Description  CONPOUND PRESSURE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 3 Page - Copal Electronics

  PS60 Datasheet HTML 1Page - Copal Electronics PS60 Datasheet HTML 2Page - Copal Electronics PS60 Datasheet HTML 3Page - Copal Electronics PS60 Datasheet HTML 4Page - Copal Electronics PS60 Datasheet HTML 5Page - Copal Electronics PS60 Datasheet HTML 6Page - Copal Electronics PS60 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS60
PS60
PS60
Functions
●You can select switch working mode from the options shown in the table below.
(Note 1)In the Separate Mode, SW1 and SW2 work separately.
(Note 2)In the Window Comparator Mode, the minimum value for SW1 and SW2 corresponds to Setting 1 and the maximum value to Setting 2.
※ For how to set the switch output, see the description of the initial setting mode.
Switch working mode
●When you do not operate any buttons for about 10 seconds, the system will automatically select non-display mode and the LED indicator section will go off.
 Pressing any key will cause the LED indicator section to come on back again.
(Note 1)The decimal point shown in the figure on the right blinks during non-display mode.
(Note 2)Switch outputs and switch LEDs are operable even during non-display mode.
(Note 3)Error messages will appear during non-display mode.
※ For how to select non-display mode, see the description of the initial setting mode.
Non-display mode(Low power mode)
●You can select a conversion factor from the options shown in the table on the right.
(Note 1)Slashed box: No factors options are available due to inappropriate resolution
   
and the number of digits for display.
※ For how to set the conversion factor, see the description of the initial setting mode.
Conversion factor
●Two different digital filters(25ms and 250ms)are available.
 The digital filters are useful when it is hard to take readings due to too great fluctuations in pressure.
(Note 1)Any selected digital filter will be reflected on the pressure display and switch action.
※ For how to set the digital filter, see the description of the pressure setting mode.
Digital filter
All LED flash once.
The Operations Mode(pressule
detection)is activated.
Initial LED Display
Error Messages
■ If the following error messages are displayed, follow the procedures in the table:
2
Error message
Problem
Solution
Overload current.(Brinking of SW1 or SW2 indicates
excessive current on SW1 or SW2.)
Pressure detected when adjusting the zero point.
Applied pressure is higher than the maximum value
of the pressure display range.
Check the applied pressure.
Press the   button and reset the    display. Release the applied pressure
in the pressure port (opened to the atmosphere) and adjust the zero point again.
Disconnect the power, then check the load condition.
There are four operation modes. There are shown in the diagrams below.
Separate Mode
P1: Setting 1, P2: Setting 2, H: Hysteresis
Window Comparator Mode
(HI operation)
OFF
ON
-Pr
Pr
H
H
P1:SW1
P2:SW2
ON
OFF
-Pr
Pr
H
H
P1:SW1
P2:SW2
(LO operation)
(A operation)
OFF
ON
ON
-Pr
Pr
HH
P1
P2
P1
P2
(B operation)
OFF
OFF
ON
-Pr
Pr
HH
P1≦P2 or P1≧P2
P1≦P2−2H
Mode
Operation
SW1
Separate
H
○
○
L
○
○
A
○
○
B
○
○
H
○
○
L
○
○
A
○
○
B
○
○
Window Comparator
Setting 1
Minimum: Setting 1
Maximum: Setting 2
Minimum: Setting 1
Maximum: Setting 2
Setting 2
Separate Window Comparator
SW2
Output
Number
selected
Pressure range
103R
302R
102R
─
−0.10∼1.00
─
−1.0∼10.0
−14∼145
─
−100∼300
─
−75∼225
−1.00∼3.00
−14.5∼43.5
29.5∼0.0
(“-”symbol does not display)
−100∼100
─
−75∼75
−1.00∼1.00
−14.5∼14.5
29.5∼0.0
(“-”symbol does not display)
(kPa)
(MPa)
P1
P2
kPa
P1
P2
kPa
P1
P2
kPa



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com