Electronic Components Datasheet Search
  English  ▼

X  

PS83 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS83
Description  PRESSURE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS83 Datasheet(HTML) 3 Page - Copal Electronics

  PS83 Datasheet HTML 1Page - Copal Electronics PS83 Datasheet HTML 2Page - Copal Electronics PS83 Datasheet HTML 3Page - Copal Electronics PS83 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Load
S.Output1
Main circuit
Power
B
Sensor
Common
Shield
S.Output2
Load
2
LED Indicator
1
Pressure
OFF
Hysteresis
Hysteresis
Set value
Set value
–98.1 kPa
Rated pressure
Barometic pressure
Barometic pressure
ON
OFF
ON
Hysteresis
Set value
98.1 kPa
Absolute vacuum
OFF
ON
No. of output
Output interface
Setting method
Adjustable range
2
NPN open collector output
Adjustable by VR
Zero through rated pressure, minimum
PS83
PRESSURE SWITCHES
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Switch output setting:
± 1 %F.S. maximum
Shock
Pressure cycling
Moisture resistance
Accuracy
0 ~ 50 °C (Reference temp.: 25 °C)
Hysteresis
Switching capacity
Residual voltage
Response
30 V DC 80 mA maximum
0.8
Approx. 2
V maximum
ms
± 3
2
% F.S. maximum
% F.S.
Display
Red LED (lighted when output is ON.)
Item
Model number
PS83
501G
102G
102V
352G
103G
351A
102A
■ INTERNAL ELECTRICAL SCHEMATICS
O PS83-102V
O PS83- *** G
O PS83- *** A
■ SWITCHING OPERATION
※ 2 switches show same performance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com