Electronic Components Datasheet Search
  English  ▼

X  

CSOD140BSH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CSOD140BSH
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD140BSH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CSOD140BSH Datasheet HTML 1Page - Cystech Electonics Corp. CSOD140BSH Datasheet HTML 2Page - Cystech Electonics Corp. CSOD140BSH Datasheet HTML 3Page - Cystech Electonics Corp. CSOD140BSH Datasheet HTML 4Page - Cystech Electonics Corp. CSOD140BSH Datasheet HTML 5Page - Cystech Electonics Corp. CSOD140BSH Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C062SH
Issued Date : 2016.07.01
Revised Date :
Page No. : 2/6
CSOD140BSH
CYStek Product Specification
Maximum Ratings and Electrical Characteristics
(
Rating at 25C ambient temperature unless otherwise specified.)
Parameter
Symbol
Limits
Units
Repetitive peak reverse voltage
VRRM
40
V
Maximum RMS voltage
VRMS
28
V
Maximum DC blocking voltage
VR
40
V
Maximum instantaneous forward voltage, IF=1A (Note 1)
VF
0.50
V
Average forward rectified current
IO
1
A
Peak forward surge current @8.3ms single half sine wave superimposed
on rated load (JEDEC method)
IFSM
20
A
Maximum DC reverse current
VR=40V,TJ=25℃(Note 1)
VR=40V,TJ=125℃(Note 1)
IR
0.3
10
mA
mA
Power Dissipation
PD
500
mW
Maximum thermal resistance, Junction to ambient
Rth,JA
215(typ)
℃/W
Diode junction capacitance @ f=1MHz and applied 5V reverse voltage
CD
55 (typ)
pF
Storage temperature range
Tstg
-65 ~ +175
℃
Operating temperature range
TJ
-50 ~ +150
℃
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle
Recommended Soldering Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com