Electronic Components Datasheet Search
  English  ▼

X  

SMA11 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # SMA11
Description  UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMA11 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  SMA11 Datasheet HTML 1Page - Lite-On Technology Corporation SMA11 Datasheet HTML 2Page - Lite-On Technology Corporation SMA11 Datasheet HTML 3Page - Lite-On Technology Corporation SMA11 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMA SERIES
SURFACE MOUNT
UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
FEATURES
Rating to 200V VBR
For surface mounted applications
Reliable low cost construction utilizing molded plastic
technique
Plastic material has UL flammability classification
94V-O
Typical IR less than 1uA above 10V
Fast response time: typically less than 1.0ps for
Uni-direction,less than 5.0ns for Bi-direction,form 0
Volts to BV min
MECHANICAL DATA
Case : Molded plastic
Polarity : by cathode band denotes uni-directional
device none cathode band denotes bi-directional
device
Weight : 0.002 ounces, 0.064 grams
SMA
All Dimensions in millimeter
SMA
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
4.06
4.57
2.92
2.29
1.27
1.63
0.31
0.15
4.83
5.59
0.05
0.20
2.01
2.62
0.76
1.52
B
A
C
H
E
F
G
D
TJ
Operating Temperature Range
-55 to +150
TSTG
Storage Temperature Range
-55 to +175
C
IFSM
Peak Forward Surge Current 8.3ms
single half sine-wave super imposed
on rated load (Note 3)
40
AMPS.
UNIT
PM(AV)
1.0
WATTS
Steady State Power Dissipation at TL =75 C
PPK
WATTS
PEAK POWER DISSIPATION AT TA = 25 C,
TP = 1ms (Note 1,2)
SYMBOLS
VALUE
Minimum 400
C
CHARACTERISTICS
(JEDEC METHOD)
STAND-OFF VOLTAGE - 6.8 to 200 Volts
POWER DISSIPATION - 400 WATTS
NOTES : 1. Non-repetitive current pulse, per fig. 3 and derated above TA= 25 C per fig.1.
2. Thermal Resistance junction to Lead
3. 8.3ms single half-sine wave duty cycle= 4 pulses maximum per minute (unidirectional units only).
Maximum Instantaneous forward voltage
at 35A for unidirectional devices only (Note 3)
VF
3.5
Volts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SEMICONDUCTOR
LITE-ON
REV. 2, 01-Dec-2000, KSIA01


Similar Part No. - SMA11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA11 MACOM-SMA11 Datasheet
368Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
First Components Intern...
SMA11 FCI-SMA11 Datasheet
110Kb / 2P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
logo
MIC GROUP RECTIFIERS
SMA11 MIC-SMA11 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
SUNMATE electronic Co.,...
SMA11 SUNMATE-SMA11 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMA11

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10C HY-P6KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
P4KEG HY-P4KEG Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com