Electronic Components Datasheet Search
  English  ▼

X  

ML620Q151A Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
19/36
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
(VSS = 0V)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage 1
VDD
Ta = 25
°C
−0.3 to +6.5
V
Power supply voltage 2
VDDL
Ta = 25
°C
−0.3 to +2.0
V
Reference voltage
VREF
Ta = 25
°C
−0.3 to VDD+0.3
V
Analog input voltage
VAI
Ta = 25
°C
−0.3 to VDD+0.3
V
Input voltage
VIN
Ta = 25
°C
−0.3 to VDD+0.3
V
Output voltage
VOUT
Ta = 25
°C
−0.3 to VDD+0.3
V
Output current 1
IOUT1
Port3,4,5,6,7,8
Ta = 25
°C
−12 to +11
mA
Output current 2
IOUT2
Port2 Ta = 25
°C
−12 to +20
mA
Power dissipation
PD
Ta = 25
°C
1
W
Storage temperature
TSTG
―
−55 to +150
°C
Recommended Operating Conditions
(VSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
―
−40 to +105
°C
Operating voltage
VDD
―
1.8 to 5.5
V
Reference voltage
VREF
―
1.8 to VDD
V
Analog input voltage
VAI
―
VSS to VREF
V
Operating frequency (CPU)
fOP
―
30k to 8.4M
Hz
Low-speed crystal oscillation frequency
fXTL
―
32.768k
Hz
CDL
12 to 25
Low-speed crystal oscillation
external capacitor
CGL
Use 32.768KHz Crystal
Oscillator DT-26
(DAISHINKU CORP.)
12 to 25
pF
Capacitor externally connected to VDDL pin
CL
―
2.2
±30%
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com