Electronic Components Datasheet Search
  English  ▼

X  

MR45V200A Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # MR45V200A
Description  2M(262,144-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

MR45V200A Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  MR45V200A Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. MR45V200A Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FEDR45V200A-01
MR45V200A
2/17
PIN CONFIGURATION
Note:
Signal names that end with # indicate that the signals are negative-true logic.
PIN DESCRIPTIONS
Pin Name
Description
CS#
Chip Select (input, negative logic)
Latches an address by low input, activates the FeRAM, and enables a read or write
operation.
WP#
Write Protect( input , negative logic )
Write Protect pin controls write-operation to the status-register(BP0,BP1). This pin should
be fixed low or high in write-operations.
HOLD#
HOLD( input , negative logic )
Hold pin is used when the serial-communication suspended without disable the chip
select.
When
HOLD#
is
low
,the
serial-output
is
in
High-Z
status
and
serial-input/serial-clock are “Don’t Care” . CS# should be low in hold operation.
SCK
Serial Clock
Serial Clock is the clock input pin for setting for serial data timing. Inputs are latched on
the rising edge and output occur on the falling edge.
SI
Serial input
SI pins are serial input pins for Operation-code , addresses ,and data-inputs .
SO
Serial output
SO pins are serial output pins.
VCC, VSS
Power supply
Apply the specified voltage to VCC. Connect VSS to ground.
8-pin plastic DIP
CS#
SO
WP#
VSS
VCC
HOLD#
SCK
SI
1
8
2
7
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com