Electronic Components Datasheet Search
  English  ▼

X  

MSM7533V Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # MSM7533V
Description  2ch Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

MSM7533V Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  MSM7533V Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. MSM7533V Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEDL7533V-01
Issue Date: Jun. 22, 2012
MSM7533V
2ch Single Rail CODEC
GENERAL DESCRIPTION
The MSM7533V is two-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz.
These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices contain two-channel
AD/DA converters in a single chip and achieve a reduced footprint and a reduced number of external
components.
The MSM7533V is best suited for an analog interface to an echo canceller DSP used in digital telephone
terminals, digital PABXs, and hands free terminals.
FEATURES
• Single power supply: +5 V
• Power consumption
Operating mode: 35 mW Typ. 74 mW Max. VDD = 5 V
Power save mode: 7 mW Typ. 16 mW Max. VDD = 5 V
Power down mode: 0.05 mW Typ. 0.3 mW Max. VDD = 5 V
• ITU-T Companding law
MSM7533V: μ/A-law pin selectable
• Built-in PLL eliminates a master clock
• The PCM interface can be switched between 2 channel serial/parallel
• Transmission clock: 64/128/256/512/1024/2048 kHz
96/192/384/768/1536/1544/200 kHz
(During 2 channel serial mode, the 64 and 96 kHz clocks are disabled)
• Adjustable transmit gain
• Built-in reference voltage supply
• Analog output can directly drive a 600 W line transformer
• Package options:
20-pin plastic skinny DIP (DIP20-P-300-2.54-S1)
/* DIP PKG is End Of Life.
24-pin plastic SOP (SOP24-P-430-1.27-K)
1/20


Similar Part No. - MSM7533V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7533V OKI-MSM7533V Datasheet
140Kb / 18P
2ch Single Rail CODEC
logo
List of Unclassifed Man...
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
More results

Similar Description - MSM7533V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7533H OKI-MSM7533H Datasheet
140Kb / 18P
2ch Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7704-01 OKI-MSM7704-01 Datasheet
123Kb / 17P
2ch Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
2ch Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com