Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS162B Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ALS162B
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS162B Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54ALS162B Datasheet HTML 2Page - Texas Instruments SN54ALS162B Datasheet HTML 3Page - Texas Instruments SN54ALS162B Datasheet HTML 4Page - Texas Instruments SN54ALS162B Datasheet HTML 5Page - Texas Instruments SN54ALS162B Datasheet HTML 6Page - Texas Instruments SN54ALS162B Datasheet HTML 7Page - Texas Instruments SN54ALS162B Datasheet HTML 8Page - Texas Instruments SN54ALS162B Datasheet HTML 9Page - Texas Instruments SN54ALS162B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Setup time
before CLK
↑
ns
tw
Pulse duration
ENP, ENT
’ALS162B, ’ALS163B
UNIT
UNIT
VOL
V
TEST CONDITIONS
PARAMETER
SN54ALS160B THRU SN54ALS163B
SN74ALS160B THRU SN74ALS163B
SYNCHRONOUS 4-BIT DECADE COUNTERS
SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54ALS160B thru SN54ALS163B
– 55
°C to 125°C
. . . . . . . . . . .
SN74ALS160B thru SN74ALS163B
0
°C to 70°C
. . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54ALS160B
THRU
SN54ALS163B
SN74ALS160B
THRU
SN74ALS163B
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
– 0.4
– 0.4
mA
IOL
Low-level output current
4
8
mA
fclock
Clock frequency
0
22
0
40
MHz
CLR high or low
20
12.5
’ALS160B, ’ALS161B CLR low
20
15
A, B, C, D
50
15
LOAD
20
15
’ALS160B, ’ALS161B
25
15
tsu
’ALS162B, ’ALS163B
20
15
ns
’ALS160B, ’ALS161B
CLR inactive
10
10
CLR low
20
15
CLR high (inactive)
10
10
th
Hold time, all synchronous inputs after CLK
↑
0
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
SN54ALS160B
THRU
SN54ALS163B
SN74ALS160B
THRU
SN74ALS163B
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC–2
VCC–2
V
VCC = 4.5 V,
IOL = 4 mA
0.25
0.4
0.25
0.4
VCC = 4.5 V,
IOL = 8 mA
0.35
0.5
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.2
– 0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
ICC
VCC = 5.5 V
12
21
12
21
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com