Electronic Components Datasheet Search
  English  ▼

X  

CDK2307 Datasheet(PDF) 3 Page - Exar Corporation

Part # CDK2307
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK2307 Datasheet(HTML) 3 Page - Exar Corporation

  CDK2307 Datasheet HTML 1Page - Exar Corporation CDK2307 Datasheet HTML 2Page - Exar Corporation CDK2307 Datasheet HTML 3Page - Exar Corporation CDK2307 Datasheet HTML 4Page - Exar Corporation CDK2307 Datasheet HTML 5Page - Exar Corporation CDK2307 Datasheet HTML 6Page - Exar Corporation CDK2307 Datasheet HTML 7Page - Exar Corporation CDK2307 Datasheet HTML 8Page - Exar Corporation CDK2307 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
©2009-2013 Exar Corporation
3/16
Rev 2C
Pin No.
Pin Name
Description
30
D1_4
Output Data Channel 1
31
D1_5
Output Data Channel 1
32
D1_6
Output Data Channel 1
33
D1_7
Output Data Channel 1
34
D1_8
Output Data Channel 1
35
D1_9
Output Data Channel 1
36
D1_10
Output Data Channel 1
37
D1_11
Output Data Channel 1 (MSB for 1Vpp full scale range, see Reference Voltages section)
38
D1_12
Output Data Channel 1 (MSB for 2Vpp full scale range)
39
ORNG_1
Out of Range flag Channel 1. High when input signal is out of range
42
CLK_EXT
Output clock signal for data synchronization. CMOS levels.
43
D0_0
Output Data Channel 0 (LSB, 13 bit output or 1Vpp full scale range)
44
D0_1
Output Data Channel 0 (LSB, 12 bit output 2Vpp full scale range)
45
D0_2
Output Data Channel 0
46
D0_3
Output Data Channel 0
47
D0_4
Output Data Channel 0
48
D0_5
Output Data Channel 0
49
D0_6
Output Data Channel 0
50
D0_7
Output Data Channel 0
51
D0_8
Output Data Channel 0
52
D0_9
Output Data Channel 0
53
D0_10
Output Data Channel 0
54
D0_11
Output Data Channel 0 (MSB for 1Vpp full scale range, see Reference Voltages section)
55
D0_12
Output Data Channel 0 (MSB for 2Vpp full scale range)
56
ORNG_0
Out of Range flag Channel 0. High when input signal is out of range.
59
OE_N_0
Output Enable Channel 0. Tristate when low.
60, 61
CM_EXTBC_1,
CM_EXTBC_0
Bias control bits for the buffer driving pin CM_EXT
00: Off
01: 50uA
10: 500uA
11: 1mA
62, 63
SLP_N_1,
SLP_N_0
Sleep Mode
00: Sleep Mode
01: Channel 0 active
10: Channel 1 active
11: Both channels active
Pin Assignments
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com