Electronic Components Datasheet Search
  English  ▼

X  

CLC1002 Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC1002
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1002 Datasheet(HTML) 1 Page - Exar Corporation

  CLC1002 Datasheet HTML 1Page - Exar Corporation CLC1002 Datasheet HTML 2Page - Exar Corporation CLC1002 Datasheet HTML 3Page - Exar Corporation CLC1002 Datasheet HTML 4Page - Exar Corporation CLC1002 Datasheet HTML 5Page - Exar Corporation CLC1002 Datasheet HTML 6Page - Exar Corporation CLC1002 Datasheet HTML 7Page - Exar Corporation CLC1002 Datasheet HTML 8Page - Exar Corporation CLC1002 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
Comlinear® CLC1002
Ultra-Low Noise Amplifier
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
0.6 nV/√Hz input voltage noise
n
1mV maximum input offset voltage
n
965MHz gain bandwidth product
n
Minimum stable gain of 5
n
170V/μs slew rate
n
130mA output current
n
-40°C to +125°C operating temperature
range
n
Fully specified at 5V and ±5V supplies
n
CLC1002: Lead-free SOT23-6
APPLICATION S
n
Transimpedance amplifiers
n
Pre-amplifier
n
Low noise signal processing
n
Medical instrumentation
n
Probe equipment
n
Test equipment
n
Ultrasound channel amplifier
General Description
The COMLINEAR CLC1002(single) is a high-performance, voltage feed-
back amplifier with ultra-low input voltage noise, 0.6nV/√Hz. The CLC1002
provides 965MHz gain bandwidth product and 170V/μs slew rate making it
well suited for high-speed data acquisition systems requiring high levels of
sensitivity and signal integrity. This COMLINEAR high-performance amplifier
also offers low input offset voltage.
The COMLINEAR CLC1002 is designed to operate from 4V to 12V supplies.
It consumes only 13mA of supply current per channel and offers a power
saving disable pin that disables the amplifier and decreases the supply cur-
rent to below 225μA. The CLC1002 amplifier operates over the extended
temperature range of -40°C to +125°C.
If larger bandwidth or slew rate is required, a higher minimum stable gain
version is available, the CLC1001 offers a minimum stable gain of 10 with
2.1GHz GBWP and 410V/μs slew rate.
Typical Application - Single Supply Photodiode Amplifier
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1002IST6X
SOT23-6
Yes
Yes
-40°C to +125°C
Reel
CLC1002ISO8X
SOIC-8
Yes
Yes
-40°C to +125°C
Reel
CLC1002ISO8
SOIC-8
Yes
Yes
-40°C to +125°C
Rail
Moisture sensitivity level for all parts is MSL-1.


Similar Part No. - CLC1002

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002ASO8 CADEKA-CLC1002ASO8 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002ASO8X CADEKA-CLC1002ASO8X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002AST6X CADEKA-CLC1002AST6X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002ISO8 CADEKA-CLC1002ISO8 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
More results

Similar Description - CLC1002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Mini-Circuits
PMA-5451+ MINI-PMA-5451+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5452+ MINI-PMA-5452+ Datasheet
155Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5456+ MINI-PMA-5456+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5454+ MINI-PMA-5454+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5453 MINI-PSA-5453_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
Ultra Low Noise, High Linearity Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com