Electronic Components Datasheet Search
  English  ▼

X  

CLC1001ISO8 Datasheet(PDF) 15 Page - Exar Corporation

Part # CLC1001ISO8
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1001ISO8 Datasheet(HTML) 15 Page - Exar Corporation

Back Button CLC1001ISO8 Datasheet HTML 9Page - Exar Corporation CLC1001ISO8 Datasheet HTML 10Page - Exar Corporation CLC1001ISO8 Datasheet HTML 11Page - Exar Corporation CLC1001ISO8 Datasheet HTML 12Page - Exar Corporation CLC1001ISO8 Datasheet HTML 13Page - Exar Corporation CLC1001ISO8 Datasheet HTML 14Page - Exar Corporation CLC1001ISO8 Datasheet HTML 15Page - Exar Corporation CLC1001ISO8 Datasheet HTML 16Page - Exar Corporation CLC1001ISO8 Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
©2007-2013 Exar Corporation
15/17
Rev 1G
Driving Capacitive Loads
Increased phase delay at the output due to capacitive
loading can cause ringing, peaking in the frequency
response, and possible unstable behavior. Use a series
resistance, RS, between the amplifier and the load to help
improve stability and settling performance. Refer to Figure
5.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 5. Addition of RS for Driving Capacitive Loads
Table 1 provides the recommended RS for various
capacitive loads. The recommended RS values result in
<=1dB peaking in the frequency response. The Frequency
Response vs. CL plots, on page 7, illustrates the response
of the CLC1001.
CL (pF)
RS (Ω)
-3dB BW (MHz)
10
43
266
22
33
228
47
20
192
100
13
155
470
4.3
84
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of
additional overshoot and ringing.
Overdrive Recovery
An overdrive condition is defined as the point when either
one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the
input or output is overdriven and by how much the range
is exceeded. The CLC1001 will typically recover in less
than 25ns from an overdrive condition. Figure 6 shows the
CLC1001 in an overdriven condition.
-6
-4
-2
0
2
4
6
-3
-2
-1
0
1
2
3
0
50
100
150
200
250
300
350
400
450
Time (us)
Output
Input
G = 10
Figure 6. Overdrive Recovery
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. has evaluation boards to
use as a guide for high frequency layout and as an aid in
device testing and characterization. Follow the steps below
as a basis for high frequency layout:
▪ Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
▪ Placethe6.8µFcapacitorwithin0.75inchesofthepowerpin
▪ Placethe0.1µFcapacitorwithin0.1inchesofthepowerpin
▪ Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
▪ Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more
information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB002
CLC1001 in SOT23-5
CEB003
CLC1001 in SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com