Electronic Components Datasheet Search
  English  ▼

X  

LM1894N Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1894N
Description  Dynamic Noise Reduction System DNR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1894N Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1894N Datasheet HTML 2Page - National Semiconductor (TI) LM1894N Datasheet HTML 3Page - National Semiconductor (TI) LM1894N Datasheet HTML 4Page - National Semiconductor (TI) LM1894N Datasheet HTML 5Page - National Semiconductor (TI) LM1894N Datasheet HTML 6Page - National Semiconductor (TI) LM1894N Datasheet HTML 7Page - National Semiconductor (TI) LM1894N Datasheet HTML 8Page - National Semiconductor (TI) LM1894N Datasheet HTML 9Page - National Semiconductor (TI) LM1894N Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Hints
The DNR system should always be placed before tone and
volume controls as shown in
Figure 1. This is because any
adjustment of these controls would alter the noise floor seen
by the DNR control path. The sensitivity resistors R1 and R2
may need to be switched with the input selector, depending
on the noise floors of different sources, i.e., tape, FM, phono.
To determine the value of R1 and R2 in a tape system for in-
stance; apply tape noise (no program material) and adjust
the ratio of R1 and R2 to open slightly the bandwidth of the
main signal path. This can easily be done by viewing the ca-
pacitor voltage of pin 10 with an oscilloscope, or by using the
circuit of
Figure 5. This circuit gives an LED display of the
voltage on the peak detector capacitor. Adjust the values of
R1 and R2 (their sum is always 1 k
Ω) to light the LEDs of pin
1 and pin 18. The LED bar graph does not indicate signal
level, but rather instantaneous bandwidth of the two filters; it
should not be used as a signal-level indicator. For greater
flexibility in setting the bandwidth sensitivity, R1 and R2
could be replaced bya1k
Ω potentiometer.
To change the minimum and maximum value of bandwidth,
the integrating capacitors, C3 and C12, can be scaled up or
down. Since the bandwidth is inversely proportional to the
capacitance, changing this 0.0039 µF capacitor to 0.0033 µF
will change the typical bandwidth from 965 Hz–34 kHz to 1.1
kHz–40 kHz. With C3 and C12 set at 0.0033 µF, the maxi-
mum bandwidth is typically 34 kHz. A double pole double
throw switch can be used to completely bypass DNR.
The capacitor on pin 10 in conjunction with internal resistors
sets the attack and decay times. The attack time can be al-
tered by changing the size of C10. Decay times can be de-
creased by paralleling a resistor with C10, and increased by
increasing the value of C10.
When measuring the amount of noise reduction of the DNR
system, the frequency response of the cassette should be
flat to 10 kHz. The CCIR weighting network has substantial
gain to 8 kHz and any additional roll-off in the cassette player
will reduce the benefits of DNR noise reduction. A typical
signal-to-noise measurement circuit is shown in
Figure 6.
The DNR system should be switched from maximum band-
width to nominal bandwidth with tape noise as a signal
source.
The
reduction
in
measured
noise
is
the
signal-to-noise ratio improvement.
DS007918-10
FIGURE 5. Bar Graph Display of Peak Detector Voltage
DS007918-11
FIGURE 6. Technique for Measuring S/N Improvement of the DNR System
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com