Electronic Components Datasheet Search
  English  ▼

X  

CLC4050 Datasheet(PDF) 16 Page - Exar Corporation

Part # CLC4050
Description  Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4050 Datasheet(HTML) 16 Page - Exar Corporation

Back Button CLC4050 Datasheet HTML 9Page - Exar Corporation CLC4050 Datasheet HTML 10Page - Exar Corporation CLC4050 Datasheet HTML 11Page - Exar Corporation CLC4050 Datasheet HTML 12Page - Exar Corporation CLC4050 Datasheet HTML 13Page - Exar Corporation CLC4050 Datasheet HTML 14Page - Exar Corporation CLC4050 Datasheet HTML 15Page - Exar Corporation CLC4050 Datasheet HTML 16Page - Exar Corporation CLC4050 Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
©2009-2013 Exar Corporation
16/17
Rev 1D
Mechanical Dimensions
SOT23-5 Package
SOIC-8 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com