Electronic Components Datasheet Search
  English  ▼

X  

CLC1605 Datasheet(PDF) 16 Page - Exar Corporation

Part # CLC1605
Description  1.5GHz Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1605 Datasheet(HTML) 16 Page - Exar Corporation

Back Button CLC1605 Datasheet HTML 12Page - Exar Corporation CLC1605 Datasheet HTML 13Page - Exar Corporation CLC1605 Datasheet HTML 14Page - Exar Corporation CLC1605 Datasheet HTML 15Page - Exar Corporation CLC1605 Datasheet HTML 16Page - Exar Corporation CLC1605 Datasheet HTML 17Page - Exar Corporation CLC1605 Datasheet HTML 18Page - Exar Corporation CLC1605 Datasheet HTML 19Page - Exar Corporation CLC1605 Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
©2007-2013 Exar Corporation
16/21
Rev 1E
Driving Capacitive Loads
Increased phase delay at the output due to capacitive
loading can cause ringing, peaking in the frequency
response, and possible unstable behavior. Use a series
resistance, RS, between the amplifier and the load to
help improve stability and settling performance. Refer to
Figure 6.
Figure 6. Addition of RS for Driving
Capacitive Loads
Table 2 provides the recommended RS for various
capacitive loads. The recommended RS values result
in <=0.5dB peaking in the frequency response. The
Frequency Response vs. CL plot, on page 5, illustrates the
response of the CLC1605 Family.
CL (pF)
RS (Ω)
-3dB BW (MHz)
20
20
350
50
15
235
100
10
170
500
5
75
1000
3.3
52
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of
additional overshoot and ringing.
Parasitic Capacitance on the Inverting Input
Physical connections between components create
unintentional or parasitic resistive, capacitive, and
inductive elements.
Parasitic capacitance at the inverting input can be
especially troublesome with high frequency amplifiers.
A parasitic capacitance on this node will be in parallel
with the gain setting resistor Rg. At high frequencies, its
impedance can begin to raise the system gain by making
Rg appear smaller.
In general, avoid adding any additional parasitic
capacitance at this node. In addition, stray capacitance
across the Rf resistor can induce peaking and high
frequency ringing. Refer to the Layout Considerations
section for additional information regarding high speed
layout techniques.
Overdrive Recovery
An overdrive condition is defined as the point when either
one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the
input or output is overdriven and by how much the range
is exceeded. The CLC1605 Family will typically recover
in less than 10ns from an overdrive condition. Figure 7
shows the CLC1605 in an overdriven condition.
Figure 7. Overdrive Recovery
Power Dissipation
Power dissipation should not be a factor when operating
under the stated 1000 ohm load condition. However,
applications with low impedance, DC coupled
loads
should be analyzed to ensure that maximum allowed
junction temperature is not exceeded. Guidelines listed
below can be used to verify that the particular application
will not cause the device to operate beyond it’s intended
operating range.
Maximum power levels are set by the absolute maximum
junction rating of 150°C. To calculate the junction
temperature, the package thermal resistance value
ThetaJA (ӨJA) is used along with the total die power
dissipation.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
-6
-4
-2
0
2
4
6
-1.5
-1
-0.5
0
0.5
1
1.5
0
20
40
60
80
100 120 140 160 180 200
Time (ns)
Output
Input
VIN = 2Vpp
G = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com