Electronic Components Datasheet Search
  English  ▼

X  

CLC2011 Datasheet(PDF) 10 Page - Exar Corporation

Part # CLC2011
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011 Datasheet(HTML) 10 Page - Exar Corporation

Back Button CLC2011 Datasheet HTML 6Page - Exar Corporation CLC2011 Datasheet HTML 7Page - Exar Corporation CLC2011 Datasheet HTML 8Page - Exar Corporation CLC2011 Datasheet HTML 9Page - Exar Corporation CLC2011 Datasheet HTML 10Page - Exar Corporation CLC2011 Datasheet HTML 11Page - Exar Corporation CLC2011 Datasheet HTML 12Page - Exar Corporation CLC2011 Datasheet HTML 13Page - Exar Corporation CLC2011 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© 2009 - 2014 Exar Corporation
10 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by the
supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equation.
Psupply = Vsupply × IRMSsupply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((Vload)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include
the effect of the feedback network. For instance, Rloadeff in
Figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - Pload
Quiescent power can be derived from the specified IS values
along with known supply voltage, Vsupply. Load power can
be calculated as above with the desired signal amplitudes
using:
(Vload)RMS = Vpeak / √2
( Iload)RMS = ( Vload)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDynamic = (VS+ - Vload)RMS × ( Iload)RMS
Assuming the load is referenced in the middle of the power
rails or Vsupply/2.
The CLC2011 is short circuit protected. However, this may
not guarantee that the maximum junction temperature
(+150°C) is not exceeded under all conditions. Figure 5
shows the maximum safe power dissipation in the package
vs. the ambient temperature for the packages available.
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
MSOP-8
SOIC-8
TSSOP-14
SOIC-14
Figure 5. Maximum Power Derating
Input Common Mode Voltage
The common mode input range extends to 250mV below
ground and to 250mV above Vs, in single supply operation.
Exceeding these values will not cause phase reversal.
However, if the input voltage exceeds the rails by more
than 0.5V, the input ESD devices will begin to conduct. The
output will stay at the rail during this overdrive condition. If
the absolute maximum input voltage (700mV beyond either
rail) is exceeded, externally limit the input current to ±5mA
as shown in Figure 6.
+
-
Input
Output
10k
Figure 6. Circuit for Input Current Protection
Driving Capacitive Loads
Increased phase delay at the output due to capacitive loading
can cause ringing, peaking in the frequency response, and
possible unstable behavior. Use a series resistance, RS,
between the amplifier and the load to help improve stability
and settling performance. Refer to Figure 7.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 7. Addition of RS for Driving Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com