Electronic Components Datasheet Search
  English  ▼

X  

CLC2023 Datasheet(PDF) 13 Page - Exar Corporation

Part # CLC2023
Description  Dual, Low Distortion, Low Offset, RRIO Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2023 Datasheet(HTML) 13 Page - Exar Corporation

Back Button CLC2023 Datasheet HTML 9Page - Exar Corporation CLC2023 Datasheet HTML 10Page - Exar Corporation CLC2023 Datasheet HTML 11Page - Exar Corporation CLC2023 Datasheet HTML 12Page - Exar Corporation CLC2023 Datasheet HTML 13Page - Exar Corporation CLC2023 Datasheet HTML 14Page - Exar Corporation CLC2023 Datasheet HTML 15Page - Exar Corporation CLC2023 Datasheet HTML 16Page - Exar Corporation CLC2023 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© 2007-2014 Exar Corporation
13 / 18
exar.com/CLC2023
Rev 1D
CLC2023
0
0.5
1
1.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
MSOP-8
SOIC-8
Figure 3. Maximum Power Derating
Driving Capacitive Loads
Increased phase delay at the output due to capacitive loading
can cause ringing, peaking in the frequency response, and
possible unstable behavior. Use a series resistance, RS,
between the amplifier and the load to help improve stability
and settling performance. Refer to Figure 4.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 4. Addition of RS for Driving Capacitive Loads
The CLC2023 is capable of driving up to 300pF directly, with
no series resistance. Directly driving 500pF causes over
4dB of frequency peaking, as shown in the plot on page 6.
Table 1 provides the recommended RS for various capacitive
loads. The recommended RS values result in ≤ 1dB peaking
in the frequency response. The Frequency Response vs.
CL plots, on page 6, illustrate the response of the CLC2023.
CL (pF)
RS (Ω)
-3dB BW (MHz)
500
10
27
1000
7.5
20
3000
4
15
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of
additional overshoot and ringing.
Overdrive Recovery
An overdrive condition is defined as the point when either
one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for the
amplifier to return to its normal or linear operating point. The
recovery time varies based on whether the input or output
is overdriven and by how much the ranges are exceeded.
The CLC2023 will typically recover in less than 20ns from
an overdrive condition. Figure 5 shows the CLC2023 in an
overdriven condition.
-2
-2
-1
-1
0
1
1
2
2
-3
-2
-1
0
1
2
3
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Time (us)
Output
Input
VIN = .8Vpp
G = 5
Figure 5: Overdrive Recovery
Considerations for Offset and Noise Performance
Offset Analysis
There are three sources of offset contribution to consider;
input bias current, input bias current mismatch, and input
offset voltage. The input bias currents are assumed to be
equal with and additional offset current in one of the inputs
to account for mismatch. The bias currents will not affect
the offset as long as the parallel combination of Rf and Rg
matches Rt. Refer to Figure 6.
IN
Rg
Rf
Rt
RL
+Vs
-Vs
–
+
CLC2023
Figure 6: Circuit for Evaluating Offset
The first place to start is to determine the source resistance.
If it is very small an additional resistance may need to be
added to keep the values of Rf and Rg to practical levels.
For this analysis we assume that Rt is the total resistance
present on the non-inverting input. This gives us one
equation that we must solve:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com