Electronic Components Datasheet Search
  English  ▼

X  

CLC2059 Datasheet(PDF) 8 Page - Exar Corporation

Part # CLC2059
Description  Dual, Low Noise, 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2059 Datasheet(HTML) 8 Page - Exar Corporation

Back Button CLC2059 Datasheet HTML 4Page - Exar Corporation CLC2059 Datasheet HTML 5Page - Exar Corporation CLC2059 Datasheet HTML 6Page - Exar Corporation CLC2059 Datasheet HTML 7Page - Exar Corporation CLC2059 Datasheet HTML 8Page - Exar Corporation CLC2059 Datasheet HTML 9Page - Exar Corporation CLC2059 Datasheet HTML 10Page - Exar Corporation CLC2059 Datasheet HTML 11Page - Exar Corporation CLC2059 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
©2008-2013 Exar Corporation
8/13
Rev 1D
Typical Performance Characteristics
TA = 25°C, +Vs = +15V, -Vs = -15V, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Functional Block Diagram
Supply Voltage vs. Supply Current
Crosstalk vs. Frequency
-2.4
-2.3
-2.2
-2.1
-2
-1.9
-1.8
1.8
1.9
2
2.1
2.2
2.3
2.4
2
4
6
8
10
12
14
16
18
Supply Voltage (+/-V)
ICC
IEE
-85
-80
-75
-70
-65
-60
-55
-50
0.1
1.0
Frequency (MHz)
VEE
Output
-Input
+Input
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com