Electronic Components Datasheet Search
  English  ▼

X  

CLC2011IMP8X Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC2011IMP8X
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011IMP8X Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC2011IMP8X Datasheet HTML 3Page - Exar Corporation CLC2011IMP8X Datasheet HTML 4Page - Exar Corporation CLC2011IMP8X Datasheet HTML 5Page - Exar Corporation CLC2011IMP8X Datasheet HTML 6Page - Exar Corporation CLC2011IMP8X Datasheet HTML 7Page - Exar Corporation CLC2011IMP8X Datasheet HTML 8Page - Exar Corporation CLC2011IMP8X Datasheet HTML 9Page - Exar Corporation CLC2011IMP8X Datasheet HTML 10Page - Exar Corporation CLC2011IMP8X Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2009 - 2014 Exar Corporation
7 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Typical Performance Characteristics
TA = 25°C, VS = +2.7V, Rf = Rg = 5kΩ, RL = 10kΩ to VS/2; G = 2; unless otherwise noted.
2nd & 3rd Harmonic Distortion at VS = 2.7V
Input Voltage Noise
2nd Harmonic Distortion vs VOUT
3rd Harmonic Distortion vs VOUT
Frequency Response vs.VOUT
Open Loop Gain & Phase vs. Frequency
Frequency (MHz)
0.01
0.1
1
10
Vo = 4Vpp
Vs = 5V
Vo = 1Vpp
Vo = 2Vpp
Frequency (Hz)
100 101 102 103 104 105 106 107 108
-20
60
140
No load
0
-180
-90
0
-135
-45
No load
RL = 10kΩ
RL = 10kΩ
Vs = 5V
20
40
80
120
100
Output Amplitude (Vpp)
0.5
1
1.5
2
100kHz
50kHz
10kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
10kHz, 20kHz
50kHz
Output Amplitude (Vpp)
0.5
1
1.5
2
100kHz
50kHz
10kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
20kHz
Frequency (kHz)
0
20
40
60
80
RL = 1kΩ
100
RL = 200Ω
RL = 10kΩ
RL = 1kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
RL = 10kΩ
RL = 200Ω
Frequency (Hz)
0.1k
100k
10k
1k
1M
0
10
15
20
25
55
30
35
40
45
50
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com