Electronic Components Datasheet Search
  English  ▼

X  

CLC2550 Datasheet(PDF) 8 Page - Exar Corporation

Part # CLC2550
Description  Low Power, Low Offset, 2V to 36V Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2550 Datasheet(HTML) 8 Page - Exar Corporation

Back Button CLC2550 Datasheet HTML 3Page - Exar Corporation CLC2550 Datasheet HTML 4Page - Exar Corporation CLC2550 Datasheet HTML 5Page - Exar Corporation CLC2550 Datasheet HTML 6Page - Exar Corporation CLC2550 Datasheet HTML 7Page - Exar Corporation CLC2550 Datasheet HTML 8Page - Exar Corporation CLC2550 Datasheet HTML 9Page - Exar Corporation CLC2550 Datasheet HTML 10Page - Exar Corporation CLC2550 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
©2009-2013 Exar Corporation
8/11
Rev 1C
Application Information
The CLCx550 series are high gain, wide bandwidth de-
vices which, like most comparators, can easily oscillate
if the output lead is inadvertently allowed to capacitively
couple to the inputs via stray capacitance. This shows up
only during the output voltage transition intervals as the
comparator changes states. Power supply bypassing is not
required to solve this problem. Standard PC board layout
is helpful as it reduces stray input-output coupling. Reduc-
ing this input resistors to < 10kΩ reduces the feedback
signal levels and finally, adding even a small amount (1
to 10mV) of positive feedback (hysteresis) causes such a
rapid transition that oscillations due to stray feedback are
not possible. Simply socketing the IC and attaching resis-
tors to the pins will cause input-output oscillations during
the small transition intervals unless hysteresis is used. If
the input signal is a pulse waveform, with relatively fast
rise and fall times, hysteresis is not required.
All pins of any unused comparators should be tied to the
negative supply. The bias network of the CLCx550 series
establishes a drain current which is independent of the
magnitude of the power supply voltage over the range
of 2V DC to 30V DC. It is usually unnecessary to use a
bypass capacitor across the power supply line.
The differential input voltage may be larger than V+ with-
out damaging the device. Protection should be provided
to prevent the input voltages from going negative more
than −0.3V DC (at 25°C). An input clamp diode can be
used as shown in the applications section.
The output of the CLCx550 series is the uncommitted
collector of a grounded-emitter NPN output transistor.
Many collectors can be tied together to provide an output
OR’ing function. An output pull-up resistor can be con-
nected to any available power supply voltage within the
permitted supply voltage range and there is no restriction
on this voltage due to the magnitude of the voltage which
is applied to the V+ terminal of the CLCx550 package.
The output can also be used as a simple SPST switch to
ground (when a pull-up resistor is not used). The amount
of current which the output device can sink is limited by
the drive available (which is independent of V+) and the β
of this device. When the maximum current limit is reached
(approximately 16 mA), the output transistor will come
out of saturation and the output voltage will rise very rap-
idly. The output saturation voltage is limited by the ap-
proximately 60Ω RSAT of the output transistor. The low
offset voltage of the output transistor (1 mV) allows the
output to clamp essentially to ground level for small load
currents.
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. Exar has evaluation boards
to use as a guide for high frequency layout and as an aid
in device testing and characterization. Follow the steps
below as a basis for high frequency layout:
• Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more in-
formation.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB006
CLC2550
CEB018
CLC4550
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 9-14. These evaluation boards are built for dual-
supply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com