Electronic Components Datasheet Search
  English  ▼

X  

P024-015 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P024-015
Description  Heavy-Duty Power Extension Cord, 15A, 14 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P024-015 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P024-015 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P024-015 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 15A, 14 AWG
(NEMA 5-15P to NEMA 5-15R), 15 ft.
MODEL NUMBER: P024-015
Description
The P024-015 Heavy-Duty Power Extension Cord features a NEMA 5-15P plug on one end and a NEMA 5-15R receptacle on the other, allowing you to
extend the length of your existing power cord. The 15-foot 14 AWG cord is rated for 120V and 15A and is UL listed. Durable SJT jacket is sure to last a long
time.
Features
Extends Existing Power Cord with NEMA 5-15P Plug
NEMA 5-15R receptacle at opposite end
Durable SJT jacket
UL listed
15 ft. long
120V/15A rating
14 AWG
Specifications
INPUT
Cable Length (ft.)
15
Cable Length (m)
4.6
Cable Length (in.)
180
PHYSICAL
Color
Black
Highlights
Durable SJT jacket
UL listed
15 ft. long
120V/15A rating
14 AWG
Package Includes
P024-015 Heavy-Duty Power
Extension Cord, 15 ft.
1 / 2


Similar Part No. - P024-015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P024-015-13A TRIPPLITE-P024-015-13A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
P024-015-GY-HG TRIPPLITE-P024-015-GY-HG Datasheet
174Kb / 3P
Hospital-Grade Extension Cord, NEMA 5-15P to NEMA 5-15R - Green Dot, 15A, 125V, 14 AWG, 15 ft. (4.57 m), Gray
More results

Similar Description - P024-015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P023001 TRIPPLITE-P023001 Datasheet
488Kb / 2P
Heavy-Duty Power Extension Server Cord, 15A,14AWG (NEMA 5-15P to NEMA L5-15R), 1-ft
P024003 TRIPPLITE-P024003 Datasheet
498Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
P024006 TRIPPLITE-P024006 Datasheet
498Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
P024010 TRIPPLITE-P024010 Datasheet
497Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (NEMA 5-15P to NEMA 5-15R), 10-ft
P024-025 TRIPPLITE-P024-025 Datasheet
497Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14 AWG (NEMA 5-15P to NEMA 5-15R), 25 ft
P024-003-15D TRIPPLITE-P024-003-15D Datasheet
166Kb / 3P
Power Extension Cord, Right-Angle NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 3 ft. (0.91 m), Black
P024-006 TRIPPLITE-P024-006 Datasheet
175Kb / 3P
Power Extension Cord, NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 6 ft. (1.83 m), Black
P024-010 TRIPPLITE-P024-010 Datasheet
175Kb / 3P
Power Extension Cord, NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 10 ft. (3.05 m), Black
P024-006-15D TRIPPLITE-P024-006-15D Datasheet
166Kb / 3P
Power Extension Cord, Right-Angle NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 6 ft. (1.83 m), Black
P024-010-15D TRIPPLITE-P024-010-15D Datasheet
166Kb / 3P
Power Extension Cord, Right-Angle NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 10 ft. (3.05 m), Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com