Electronic Components Datasheet Search
  English  ▼

X  

SP508ECF-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP508ECF-L
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508ECF-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP508ECF-L Datasheet HTML 7Page - Exar Corporation SP508ECF-L Datasheet HTML 8Page - Exar Corporation SP508ECF-L Datasheet HTML 9Page - Exar Corporation SP508ECF-L Datasheet HTML 10Page - Exar Corporation SP508ECF-L Datasheet HTML 11Page - Exar Corporation SP508ECF-L Datasheet HTML 12Page - Exar Corporation SP508ECF-L Datasheet HTML 13Page - Exar Corporation SP508ECF-L Datasheet HTML 14Page - Exar Corporation SP508ECF-L Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image

ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
Figure7.V.28ReceiverInputImpedance
Figure8.V.28ReceiverInputOpenCircuitBias
Figure9.V.0DriverOutputOpen-CircuitVoltage
Figure0.V.0DriverOutputTestTerminatedVolt-
Figure2.V.0DriverOutputPower-OffCurrent
Figure.V.0DriverOutputShort-CircuitCurrent
A
C
I
ia
±15V
A
C
v
oc
A
V
OC
3.9k
C
A
V
t
450
C
A
I
sc
C
A
C
±0.25V
VCC = 0V
I
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com