Electronic Components Datasheet Search
  English  ▼

X  

SP508EEF-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP508EEF-L
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508EEF-L Datasheet(HTML) 1 Page - Exar Corporation

  SP508EEF-L Datasheet HTML 1Page - Exar Corporation SP508EEF-L Datasheet HTML 2Page - Exar Corporation SP508EEF-L Datasheet HTML 3Page - Exar Corporation SP508EEF-L Datasheet HTML 4Page - Exar Corporation SP508EEF-L Datasheet HTML 5Page - Exar Corporation SP508EEF-L Datasheet HTML 6Page - Exar Corporation SP508EEF-L Datasheet HTML 7Page - Exar Corporation SP508EEF-L Datasheet HTML 8Page - Exar Corporation SP508EEF-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image

ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
FEATURES
•20MbpsDifferentialTransmissionRates
•5kVESDToleranceforAnalogI/Os
•InternalTransceiverTerminationResistors
forV./V.35
•InterfaceModes:
–RS-232(V.28)
–EIA-530(V.0&V.)
–X.2(V.)
–EIA-530A(V.0&V.)
–RS-449/V.36
–V.35
(V.0&V.)
•SoftwareSelectableProtocolswith3-BitWord
•EightDriversandEightReceivers
•V.35/V.ReceiverTerminationNetwork
DisableOption
•InternalLineorDigitalLoopbackTesting
•AdherestoNET/NET2andTBR-2Requirements
SP508E
Rugged20Mbps,8ChannelMulti-ProtocolTransceiver
withProgrammableDCE/DTEandTerminationResistors
DESCRIPTION
TheSP508Eisamonolithicdevicethatsupportseight(8)popularserialinterfacestandards
forWideAreaNetwork(WAN)connectivity.TheSP508Eisfabricatedusingalowpower
BiCMOSprocesstechnology,andincorporatesanExarregulatedchargepumpallowing+5V
onlyoperation.Exar'spatentedchargepumpprovidesaregulatedoutputof+5.8V,which
willprovideenoughvoltageforcompliantoperationinallmodes.Eight(8)driversandeight
(8) receivers can be configured via software for any of the above interface modes at any
time.TheSP508Erequiresnoadditionalexternalcomponentsforcompliantoperationfor
alloftheeight(8)modesofoperationotherthanfourcapacitorsusedfortheinternalcharge
pump.AllnecessaryterminationisintegratedwithintheSP508Eandisswitchablewhen
V.35driversandV.35receivers,orwhenV.receiversareused.TheSP508Eprovidesthe
controlsandtransceiveravailabilityforoperatingaseitheraDTEorDCE.
AdditionalfeatureswiththeSP508Eincludeinternalloopbackthatcanbeinitiatedinany
oftheoperatingmodesbyuseoftheLOOPBACKpin.Whileinloopbackmode,receiver
outputsareinternallyconnectedtodriverinputscreatinganinternalsignalpathbypassing
theserialcommunicationscontrollerfordiagnostictesting.TheSP508Ealsoincludesalatch
enablepinwiththedriverandreceiveraddressdecoder.TheinternalV.orV.35receiver
terminationcanbeswitchedoffusingacontrolpin(TERM_OFF)formonitoringapplications.
Alleight(8)driversandreceiversintheSP508Eincludeseparateenablepinsforadded
convenience.TheSP508EisidealforWANserialportsinnetworkingequipmentsuchas
routers,accessconcentrators,networkmuxes,DSU/CSU's,networkingtestequipment,and
otheraccessdevices.
ApplicableU.S.Patents-5,306,954;andotherspatentspending
APPLICATIONS
•Router
•FrameRelay
•CSU
•DSU
•PBX
•SecureCommunicationTerminals
•EasyFlow-ThroughPinout
•+5VOnlyOperation
•IndividualDriver/ReceiverEnable/DisableControls
•OperatesinDTEorDCEMode
Now Available in Lead Free Packaging
Refertopage7forpinout


Similar Part No. - SP508EEF-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP508EEFL EXAR-SP508EEFL Datasheet
158Kb / 1P
Halogen?릃ree Green
More results

Similar Description - SP508EEF-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
250Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Exar Corporation
SP3508EB EXAR-SP3508EB Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com