Electronic Components Datasheet Search
  English  ▼

X  

APAM1866YA18 Datasheet(PDF) 1 Page - Abracon Corporation

Part # APAM1866YA18
Description  RoHS Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APAM1866YA18 Datasheet(HTML) 1 Page - Abracon Corporation

  APAM1866YA18 Datasheet HTML 1Page - Abracon Corporation APAM1866YA18 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APAM1568YE15V2.0
GPS Patch Antenna
Date of Issue: May. 29th , 2014
15.0 x 15.0 x 6.8mm
ES
Page (3) of (11)
Abracon Drawing # 453886
Revision #:
4.0 Smith Chart
5.0 GPS LNA Gain Plot
Test Condition: 15x15mm Ground
Test Condition: 3.0V DC
APAM1866YA18
STANDARD SPECIFICATIONS:
TYPICAL APPLICATIONS:
FEATURES:
18.0 x 18.0 x 7.0mm
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised 06.23.14
Visitwww.abracon.com forTerms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
MSL level: Not Applicable
SMITH CHART
RoHS/RoHS II compliant
Antenna
Low Noise Amplifier (LNA)
Test Condition: 18x18mm Ground
Test Condition: 3.0V DC
GPS LNA GAIN PLOT
GPS Active Internal Patch
Parameters
Min.
Typ.
Max.
Units
Note
Center Frequency
MHz
Bandwidth
5
MHz
Gain
2.0
dBic
(Peak gain on70*70mm Ground
Plane facing Zenith.)
VSWR @ Center Frequency
1.5
Polarization Model
RHCP
(Right Hand Circular Polarization)
Impedance
50
Ω
Working Temperature
-25
+72
˚C
Storage Temperature
-45
85
˚C
Parameters
Min.
Typ.
Max.
Units
Note
Center Frequency
MHz
DC Voltage
2.50
3.50
V
Gain
28
dB
(Without cable +25˚C± 10˚C)
Output VSWR
1.5
Noise Figure
1.3
(+25˚C± 10˚C)
DC current
10.0
mA
(At 3.0V)
1575.42± 1.02
1575.42± 1.02
• Automotive Navigation, Marine buoys
• Personal Tracking
• Surveying equipment, Cell phone, Laptop
• Healthcare and medical monitoring devices, PND, PDA
•
Compact Size
•
Easy to Install
•
RoHS Compliant
ESD Sensitive


Similar Part No. - APAM1866YA18

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAM1068JL01V2.0 ABRACON-APAM1068JL01V2.0 Datasheet
3Mb / 2P
GPS Active Internal Patch
06.20.14
APAM1268JL02V2.0 ABRACON-APAM1268JL02V2.0 Datasheet
3Mb / 2P
GPS Active Internal Patch
06.21.14
APAM1348YD13V2.0 ABRACON-APAM1348YD13V2.0 Datasheet
2Mb / 2P
GPS Active Internal Patch
06.23.14
APAM1368YB13V3.0 ABRACON-APAM1368YB13V3.0 Datasheet
2Mb / 2P
GPS Active Internal Patch
06.23.14
APAM1568YE15V2.0 ABRACON-APAM1568YE15V2.0 Datasheet
1Mb / 2P
GPS Active Internal Patch
06.23.14
More results

Similar Description - APAM1866YA18

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com