Electronic Components Datasheet Search
  English  ▼

X  

SMT1 Datasheet(PDF) 2 Page - Copal Electronics

Part # SMT1
Description  Surface Mount Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SMT1 Datasheet(HTML) 2 Page - Copal Electronics

  SMT1 Datasheet HTML 1Page - Copal Electronics SMT1 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■Soldering SpeciÄcations
(1)
Manual Soldering
Device : Soldering iron
①380°
C
±10°
C; 3
±0.5 seconds
(2)
ReÅow Soldering
Device : Inline or batch system
Apply reÅow soldering only once
■Flux Cleaning
Refer to P. 229.
■Packaging SpeciÄcations
Stick speciÄcation
Emboss taping speciÄcation
Minimum packaging quantity for reel packaging is
1,000pcs per reel.
■SPST
■Pad Layouts
(Top view)
Terminal (E) to be connected
to Ground. Terminal (E) is
connected to the metal frame.
Terminal numbers are not shown on the switch.
■Table of Part Numbers
Contact plating
Part No.
Silver plated
SMT1-01-Z
SMT1-01E-Z
Gold plated
SMTG1-01-Z
SMTG1-01E-Z
Part No.
Switchng function
Circuit diagrams
SMT1-01-Z
SMTG1-01-Z
OFF
(ON)
Connecting
terminals
-
(2)
  
(1)
-
(3)
  
(4)
(ON)
:Momentary
Washable
SMT1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com