Electronic Components Datasheet Search
  English  ▼

X  

SPC103 Datasheet(PDF) 1 Page - Copal Electronics

Part # SPC103
Description  Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SPC103 Datasheet(HTML) 1 Page - Copal Electronics

  SPC103 Datasheet HTML 1Page - Copal Electronics SPC103 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPC103
Pushbutton Switches
RoHS Compliant
■Features
1. Light Tactile Feel
Snap action mechanism provides light tactile feel.
2. Rich Variety of Color Button Accessories
Available in 2 shapes, 8 colors.
3. Compatible with PC Board Mount and Snap-in
Panel Mount
4. Connector Socket (SPC101F-C)
■ Optional Accessories
《Supplied separately》
Color Button
凸凹
Dimensions
(Material
=ABS resin)
White
140000481691
140000481699
Red
140000481692
140000481700
Black
140000481693
140000481701
Gray
140000481694
140000481702
Green
140000481695
140000481703
Blue
140000481696
140000481704
Orange
140000481697
140000481705
Yellow
140000481698
140000481706
Color Button
mounting
■9LJVTTLUKLKJVUULJ[VYZZOV^UPUZWLJPÄJH[PVUZ
Rating
3A 125VAC
・3A 250VAC・3A 30VDC
(Resistive load)
Initial contact resistance
20m
Ω max. 
(1A 2∼4VDC)
Dielectric strength
1,000VAC 1 minute
Initial insulation resistance 1,000M
Ω min.
(500VDC)
Electrical life
30,000 operations
(At 3A 125VAC)
20,000 operations
(At 3A 250VAC or 3A 30VDC)
Operating force
3.92
±1.47N
Stroke
1.2mm
Operating
temperature range
−25∼+85℃
Storage
temperature range
−40∼+85℃
Recommended connectors EHR
−5(Housing) by J.S.T. MFG CO.,LTD. (SPC103F−C)
:Optional Accessories.
R33
R27
11.5
2.5
3.5
0.3
R27
R25
11.5
2.5
3
0.3
10
Panel thickness : 1
∼2 mm
■Panel Cut-Out Dimensions
■Circuit Diagrams


Similar Part No. - SPC103

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC1016 SYNC-POWER-SPC1016 Datasheet
266Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC1016S56RG SYNC-POWER-SPC1016S56RG Datasheet
266Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC1016S56RG SYNC-POWER-SPC1016S56RG Datasheet
272Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC1016S56RGB SYNC-POWER-SPC1016S56RGB Datasheet
272Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC1016 SYNC-POWER-SPC1016_09 Datasheet
272Kb / 11P
N & P Pair Enhancement Mode MOSFET
More results

Similar Description - SPC103

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com