Electronic Components Datasheet Search
  English  ▼

X  

ADPD103BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 41Page - Analog Devices ADPD103BCPZ Datasheet HTML 42Page - Analog Devices ADPD103BCPZ Datasheet HTML 43Page - Analog Devices ADPD103BCPZ Datasheet HTML 44Page - Analog Devices ADPD103BCPZ Datasheet HTML 45Page - Analog Devices ADPD103BCPZ Datasheet HTML 46Page - Analog Devices ADPD103BCPZ Datasheet HTML 47Page - Analog Devices ADPD103BCPZ Datasheet HTML 48Page - Analog Devices ADPD103BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 44 of 52
Address
Data
Bit
Default
Value
Access Name
Description
0x5A
[15:8]
0x0
R/W
Reserved
Write 0x0.
7
0x0
R/W
DIG_INT_GAPMODE
Digital integration gapped mode enable.
0: no gap between negative and positive sample regions.
1: use SLOTA_AFE_FOFFSET for Time SlotA or SLOTB_AFE_
FOFFSET for Time Slot B to specify the gap in μs.
6
0x0
R/W
SLOTB_DIG_INT_SAMPLEMODE Digital integration single-sample pair mode for Time Slot B.
0: double sample pair mode.
1: single-sampled pair mode.
5
0x0
R/W
SLOTA_DIG_INT_SAMPLEMODE
Digital integration single-sample pair mode for Time Slot A.
0: double sample pair mode.
1: single-sampled pair mode.
[4:0]
0x0
R/W
Reserved
Write 0x0.
Table 23. AFE Configuration Registers, Time Slot B
Address
Data
Bit
DefaultValue
Access
Name
Description
0x3B
[15:11]
0x4
R/W
SLOTB_AFE_WIDTH
AFE integration window width (in 1 μs step) for Time Slot B.
[10:5]
0x17
R/W
SLOTB_AFE_OFFSET
AFE integration window coarse offset (in 1 μs step) for
Time Slot B.
[4:0]
0x1C
R/W
SLOTB_AFE_FOFFSET
AFE integration window fine offset (in 31.25 ns step) for
Time Slot B.
0x44
[15:8]
0x1C
R/W
SLOTB_AFE_MODE
0x1C: Time Slot B AFE setting for normal mode
(TIA_BPF_INT_ADC).
0x1D: Time Slot B AFE setting for digital integrate mode.
7
0x0
R/W
Reserved
Write 0x0.
6
0x0
R/W
SLOTB_TIA_IND_EN
Enable Time Slot B TIA gain individual settings. When it is
enabled, the Channel 1 TIA gain is set via Register 0x44,
Bits[1:0], and the Channel 2 through Channel 4 TIA gain is
set via Register 0x55, Bits[11:6].
0: disable TIA gain individual setting.
1: enable TIA gain individual setting.
[5:2]
0xE
R/W
Reserved
Write 0xD.
[1:0]
0x0
R/W
SLOTB_TIA_GAIN
Transimpedance amplifier gain for Time Slot B. When
SLOTB_TIA_IND_EN is enabled, this value is for Time Slot B,
Channel 1 TIA gain. When SLOTB_TIA_IND_EN is disabled,
it is for all four Time Slot B channel TIA gain settings.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
0x45
[15:0]
0xADA5
R/W
SLOTB_AFE_CFG
AFE connection in Time Slot B.
0xADA5: analog full path mode (TIA_BPF_INT_ADC).
0xB065: TIA_ADC mode.
0xAE65: digital integration mode.
Others: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com