Electronic Components Datasheet Search
  English  ▼

X  

ADPD2211 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPD2211
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2211 Datasheet(HTML) 5 Page - Analog Devices

  ADPD2211 Datasheet HTML 1Page - Analog Devices ADPD2211 Datasheet HTML 2Page - Analog Devices ADPD2211 Datasheet HTML 3Page - Analog Devices ADPD2211 Datasheet HTML 4Page - Analog Devices ADPD2211 Datasheet HTML 5Page - Analog Devices ADPD2211 Datasheet HTML 6Page - Analog Devices ADPD2211 Datasheet HTML 7Page - Analog Devices ADPD2211 Datasheet HTML 8Page - Analog Devices ADPD2211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ADPD2211
Data Sheet
Rev. 0 | Page 4 of 13
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VCC)
6.0 V
Storage Temperature Range
−40°C to +105°C
Junction Temperature
110°C
Solder Reflow Temperature (<10 sec)
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
3 mm × 3 mm LFCSP
68.08
12.18
°C/W
SOLDERING PROFILE
Figure 2 and Table 4 provide information about the recommended
soldering profile.
Figure 2. Recommended Soldering Profile
Table 4. Recommended Soldering Profile Limits1
Profile Feature
Condition (Pb Free)
Average Ramp Rate (TL to TP)
2°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
150°C
Maximum Temperature (TSMAX)
200°C
Time from TSMIN to TSMAX (tS)
60 sec to 120 sec
Ramp-Up Rate (TSMAX to TL)
2°C/sec maximum
Liquidus Temperature (TL)
217°C
Time Maintained Above TL (tL)
60 sec to 150 sec
Peak Temperature (TP)
260°C + (0°C/−5°C)
Time Within 5°C of Actual TP (tP)
20 sec to 30 sec
Ramp-Down Rate
3°C/sec maximum
Time from 25°C (t25°C) to Peak
Temperature
8 minutes maximum
1
Based on JEDEC Standard J-STD-020D.1.
ESD CAUTION
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com