Electronic Components Datasheet Search
  English  ▼

X  

TSL250R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL250R
Description  LIGHTTOVOLTAGE OPTICAL SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL250R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL250R Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL250R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSL250R, TSL251R, TSL252R
LIGHT TOVOLTAGE OPTICAL SENSORS
TAOS028A – MAY 2001
2
www.taosinc.com
t
t
Copyright
E 2001, TAOS Inc.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 2)
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
240
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to GND.
2. Output may be shorted to supply.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 635 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 3, 4, and 5)
PARAMETER
TEST
TSL250R
TSL251R
TSL252R
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
0
4
10
0
4
10
0
4
10
mV
VOM
Maximum output
voltage
VDD = 4.5 V
3.0
3.3
3.0
3.3
3.0
3.3
V
Ee = 14.6 µW/cm2
1.5
2
2.5
VO
Output voltage
Ee = 38.5 µW/cm2
1.5
2
2.5
V
VO
Out ut voltage
Ee = 196 µW/cm2
1.5
2
2.5
V
Ee = 14.6 µW/cm2,
1.6
mV/
°C
Temperature
Ee = 14.6 µW/cm ,
TA = 0°C to 70°C
0.08
%/
°C
α
Temperature
coefficient of
Ee = 38.5 µW/cm2,
1.6
mV/
°C
αvo
coefficient of
output voltage
(V )
Ee = 38.5 µW/cm ,
TA = 0°C to 70°C
0.08
%/
°C
g
(VO)
Ee = 196 µW/cm2,
1.6
mV/
°C
Ee = 196 µW/cm ,
TA = 0°C to 70°C
0.08
%/
°C
N
Irradiance
λp = 635 nm,
See Notes 5 and 7
137
52
10.2
mV/( W/cm2)
Ne
Irradiance
responsivity
λp = 880 nm,
See Notes 6 and 7
127
48
9.4
mV/(
µW/cm2)
Ee = 14.6 µW/cm2
1.1
1.7
IDD
Supply current
Ee = 38.5 µW/cm2
1.1
1.7
mA
DD
y
Ee = 196 µW/cm2
1.1
1.7
NOTES:
3. Measurements are made with RL = 10 kΩ between output and ground.
4. Optical measurements are made using small-angle incident radiation from an LED optical source.
5. The input irradiance Ee is supplied by an AlInGaP LED with peak wavelength λp = 635 nm
6. The input irradiance Ee is supplied by a GaAlAs LED with peak wavelength λp = 880 nm
7. Irradiance responsivity is characterized over the range VO = 0.05 to 2.9 V. The best-fit straight line of Output Voltage VO versus
irradiance Ee over this range will typically have a positive extrapolated VO value for Ee = 0.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com