Electronic Components Datasheet Search
  English  ▼

X  

MIC2875 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2875 Datasheet HTML 1Page - Microchip Technology MIC2875 Datasheet HTML 2Page - Microchip Technology MIC2875 Datasheet HTML 3Page - Microchip Technology MIC2875 Datasheet HTML 4Page - Microchip Technology MIC2875 Datasheet HTML 5Page - Microchip Technology MIC2875 Datasheet HTML 6Page - Microchip Technology MIC2875 Datasheet HTML 7Page - Microchip Technology MIC2875 Datasheet HTML 8Page - Microchip Technology MIC2875 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005549A-page 5
MIC2875
EN, /PG Control Pins
EN Threshold Voltage
VEN
1.5
——
V
Boost converter and chip logic
ON
——
0.4
Boost converter and chip logic
OFF
EN Pin Current
—
—
1.5
3
μA
VIN = VEN = 3.6V
Power-Good Threshold
(Rising)
V/PG-THR
—
0.90 ×
VOUT
—
V—
Power-Good Threshold
(Falling)
V/PG-THF
—
0.83 ×
VOUT
—
V—
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)(Note 1)
Electrical Characteristics:
VIN = 3.6V, VOUT = 5V, CIN = 4.7 μF, COUT = 22 μF, L = 1 μH TA = 25°C, bold values are
valid for –40°C
 TJ  +125°C Unless otherwise indicated.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com