Electronic Components Datasheet Search
  English  ▼

X  

MCS3142 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 4 Page - Microchip Technology

  MCS3142_14 Datasheet HTML 1Page - Microchip Technology MCS3142_14 Datasheet HTML 2Page - Microchip Technology MCS3142_14 Datasheet HTML 3Page - Microchip Technology MCS3142_14 Datasheet HTML 4Page - Microchip Technology MCS3142_14 Datasheet HTML 5Page - Microchip Technology MCS3142_14 Datasheet HTML 6Page - Microchip Technology MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
MCS3142
DS40001747A-page 4
 2014 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
MCS3142 is a dual encoder, designed for secure
Remote Keyless Entry (RKE) and secure remote
control systems. MCS3142 utilizes both the Classic
KEELOQ code hopping technology and the new
Ultimate KEELOQ technology time-stamping solution.
Both of these encoders incorporate high security, a
small package outline and low cost to make this device
a perfect solution for unidirectional authentication
systems and access control systems.
Classic KEELOQ technology combines a hopping code
generated by a nonlinear encryption algorithm, a serial
number and Status bits to create a secure transmission
code. The length of the transmission eliminates the
threat of code scanning and code grabbing access
techniques.
Ultimate KEELOQ technology is generated using the
industry standard AES-128 encryption algorithm, a
serial number and a timer-driven message counter
which continuously increments, independent of events,
to provide a better, more secure solution. The
timekeeping
functionality
protects
against
jam-and-replay attack techniques.
The crypt key, serial number and configuration data are
stored in an EEPROM array which is not accessible via
any external connection. The EEPROM data is
programmable but read-protected. The data can be
verified only after an automatic erase and programming
operation. This protects against attempts to gain
access to keys or manipulate synchronization values.
In addition, MCS3142 provides an easy to use serial
interface for programming the necessary keys, system
parameters and configuration data.
1.1
Key Terms
The following is a list of key terms used throughout this
data sheet. For additional information on KEELOQ tech-
nology and code hopping, refer to “An Introduction to
KEELOQ® Code Hopping” Technical Brief (DS91002).
• RKE: Remote Keyless Entry
• Function Code: It indicates what button input(s)
activated the transmission. It encompasses the
function code bits.
• Code Hopping: A method by which a code,
viewed externally to the system, appears to
change unpredictably each time it is transmitted
• Code Word: A block of data that is repeatedly
transmitted upon button activation
• Transmission: A data stream consisting of
repeating code words
• Crypt Key: A unique and secret number (64-bit
for Classic KEELOQ technology, 128-bit for
Ultimate KEELOQ technology) used to encrypt and
decrypt data. In a symmetrical block cipher such
as those used on MCS3142, the encryption and
decryption keys are equal and, therefore, will
generally be referred to as the crypt key.
• Encoder: A device that generates and encodes
data
• Encryption Algorithm: A method whereby data
is scrambled using a crypt key. The data can only
be interpreted by the respective decryption
algorithm using the same crypt key.
• Decoder: A device that decodes data received
from an encoder
• Decryption Algorithm: A recipe whereby data,
scrambled by an encryption algorithm, can be
unscrambled using the same crypt key
• Time-Stamp: The time-derived value recorded
with a message
• Learn: Learning involves the receiver calculating
the transmitter’s appropriate crypt key, decrypting
the received hopping code and storing the serial
number, synchronization counter or timer value,
and crypt key in EEPROM. The KEELOQ technol-
ogy product family facilitates several learning
strategies to be implemented on the decoder. The
following are examples of what can be done:
- Simple Learning: The receiver uses a fixed
crypt key. The crypt key is common to every
component used by the same manufacturer.
- Normal Learning: The receiver derives a
crypt key from the encoder serial number.
Every transmitter has a unique crypt key.
- Secure Learning: The receiver derives a
crypt key from the encoder seed value. Every
encoder has a unique seed value that is only
transmitted by a special button combination.
• Manufacturer’s Code: A unique and secret
number (64-bit for Classic KEELOQ technology,
128-bit for Ultimate KEELOQ technology) used to
derive crypt keys. Each encoder is programmed
with a crypt key that is a function of the
manufacturer’s
code.
Each
decoder
is
programmed with the manufacturer’s code itself.
The MCS3142 code hopping encoder is designed
specifically for keyless entry systems. Typical
applications include vehicles and home garage door
openers. The encoder portion of a keyless entry system
is integrated into a transmitter carried by the user. The
transmitter is operated to gain access to a vehicle or a
restricted area. MCS3142 is meant to be a cost-
effective, yet secure solution to such systems, requiring
very few external components (see Figure 2-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com