Electronic Components Datasheet Search
  English  ▼

X  

78098 Datasheet(PDF) 1 Page - Alpha Wire

Part # 78098
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

78098 Datasheet(HTML) 1 Page - Alpha Wire

  78098 Datasheet HTML 1Page - Alpha Wire 78098 Datasheet HTML 2Page - Alpha Wire 78098 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 78098
Construction
Diameters (In)
1) Component 1
8 X 1 PAIR
a) Conductor
20 (19/32) AWG Tinned Copper
0.040
b) Insulation
0.007" Wall, Nom. Modified Polyphenylene
Ether-PE
0.054
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
4
BLACK-BLUE
7
BLACK-ORANGE
2
BLACK-WHITE
5
BLACK-BROWN
8
RED-GREEN
3
BLACK-GREEN
6
BLACK-YELLOW
c) Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
2) Cable Assembly
8 Components Cabled
a) Twists:
2.8 Twists/foot (min)
b) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
3) Jacket
0.015" Wall, Nom.,Modified Polyphenylene
Ether-PE
0.328 (0.344 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 78098 8PR 20 AWG
ECOCABLE(R) MINI RU AWM 21460 80C 300V VW-1
C(RU) AWM I A/B FT1 80C 300V
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications
1) UL
AWM/STYLE 21460
80°C / 300 VRMS
VW-1
2) CSA International
C(RU) AWM I A/B FT1
80°C / 300 VRMS
3) Other
Halogen-Free
4) CE:
EU Low Voltage Directive 2006/95/EC
Environmental


Similar Part No. - 78098

ManufacturerPart #DatasheetDescription
logo
NEC
78098 NEC-78098 Datasheet
644Kb / 129P
Common to 78K/0 Series
logo
REMA Lipprandt GmbH & C...
78098-00 REMA-78098-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
NEC
78098B NEC-78098B Datasheet
644Kb / 129P
Common to 78K/0 Series
More results

Similar Description - 78098

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com