Electronic Components Datasheet Search
  English  ▼

X  

MIC2126 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2126 Datasheet HTML 1Page - Microchip Technology MIC2126 Datasheet HTML 2Page - Microchip Technology MIC2126 Datasheet HTML 3Page - Microchip Technology MIC2126 Datasheet HTML 4Page - Microchip Technology MIC2126 Datasheet HTML 5Page - Microchip Technology MIC2126 Datasheet HTML 6Page - Microchip Technology MIC2126 Datasheet HTML 7Page - Microchip Technology MIC2126 Datasheet HTML 8Page - Microchip Technology MIC2126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005459B-page 5
MIC2125/6
Overvoltage Protection
Threshold
——
0.62
—
V
—
FET Drivers
DH, DL Output Low Voltage
—
—
0.1
VISINK = 10 mA
DH, DL Output High Voltage
VPVDD-0.1
or
VBST-0.1
——
ISOURCE = 10 mA
DH On-Resistance, High State
—
2.5
—
Ω
—
DH On-Resistance, Low State
—
1.6
—
—
DL On-Resistance, High State
—
1.9
—
—
DL On-Resistance, Low State
—
0.55
—
—
SW, BST Leakage Current
—
—
50
µA
—
Power Good (PG)
PG Threshold Voltage
85
89
95
%VOUT Sweep VFB from low to high
PG Hysteresis
—
6
—
Sweep VFB from high to low
PG Delay Time
—
80
—
µs
Sweep VFB from low to high
PG Low Voltage
—
60
200
mV
VFB < 90% x VNOM, IPG = 1 mA
Thermal Protection
Overtemperature Shutdown
—
150
—
°C
TJ Rising
Overtemperature Shutdown
Hysteresis
—15
—
°C
—
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
VIN = 12V, VOUT = 1.2V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate
–40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have
low voltage VTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com