Electronic Components Datasheet Search
  English  ▼

X  

HV9120 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV9120
Description  High-Voltage, Current-Mode, PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9120 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV9120 Datasheet HTML 5Page - Microchip Technology HV9120 Datasheet HTML 6Page - Microchip Technology HV9120 Datasheet HTML 7Page - Microchip Technology HV9120 Datasheet HTML 8Page - Microchip Technology HV9120 Datasheet HTML 9Page - Microchip Technology HV9120 Datasheet HTML 10Page - Microchip Technology HV9120 Datasheet HTML 11Page - Microchip Technology HV9120 Datasheet HTML 12Page - Microchip Technology HV9120 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005519A-page 9
HV9120/HV9123
4.0
TEST CIRCUITS
The test circuits for characterizing error-amplifier output impedance, ZOUT, and error-amplifier, power-supply rejection
ration, PSRR, are shown in Figure 4-1.
FIGURE 4-1:
Test Circuits
+
–
60.4k
40.2k
1.0V swept 100Hz - 2.2MHz
Tektronix
P6021
(1 turn
secondary)
0.1μF
+10V
(V
DD)
GND
(-V
IN)
(FB)
Error Amp Z
OUT
+
–
Reference
V
2
10.0V
4.0V
100k 1%
100k 1%
PSRR
0.1μF
0.1V swept 10Hz - 1.0MHz
V
1
V
2
V
1
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com