Electronic Components Datasheet Search
  English  ▼

X  

MIC2125YML Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2125YML
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2125YML Datasheet(HTML) 4 Page - Microchip Technology

  MIC2125YML Datasheet HTML 1Page - Microchip Technology MIC2125YML Datasheet HTML 2Page - Microchip Technology MIC2125YML Datasheet HTML 3Page - Microchip Technology MIC2125YML Datasheet HTML 4Page - Microchip Technology MIC2125YML Datasheet HTML 5Page - Microchip Technology MIC2125YML Datasheet HTML 6Page - Microchip Technology MIC2125YML Datasheet HTML 7Page - Microchip Technology MIC2125YML Datasheet HTML 8Page - Microchip Technology MIC2125YML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MIC2125/6
DS20005459B-page 4
 2015 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VIN = 12V, VOUT = 1.2V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate
–40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range (VIN)
(Note 2)
4.5
—
5.5
VVDD = VIN
4.5
—
28
—
Quiescent Supply Current
(MIC2125)
—340
750
µA
VFB = 1.5V
Quiescent Supply Current
(MIC2126)
—1.1
3
mA
VFB = 1.5V
Shutdown Supply Current
—
0.1
5
µA
SW unconnected, VEN = 0V
VDD Supply
VDD Output Voltage
4.8
5.2
5.4
VVIN = 7V to 28V, IDD = 10 mA
VDD UVLO Threshold
3.7
4.2
4.5
VDD rising
VDD UVLO Hysteresis
—
400
—
mV
—
Load Regulation
0.6
2
3.6
%
IDD = 0 to 40 mA
Reference
Feedback Reference Voltage
0.597
0.6
0.603
V
TJ = 25°C (±0.5%)
0.594
0.6
0.606
–40°C ≤ TJ ≤ +125°C (±1%)
FB Bias Current
—
0.01
0.5
µA
VFB = 0.6V
Enable Control
EN Logic Level High
1.6
——
V
—
EN Logic Level Low
—
—
0.6
—
EN Hysteresis
—
120
—
mV
—
EN Bias Current
—
6
30
µA
VEN = 12V
Oscillator
Switching Frequency
—
750
—
kHz
VFREQ = VIN
—375
—
VFREQ = 50% x VIN
Maximum Duty Cycle
—
85
—
%
—
Minimum Duty Cycle
—
0
—
VFB > 0.6V
Minimum On-Time
—
100
—
ns
—
Minimum Off-Time
150
220
300
—
Soft-Start
Soft-Start Time
—
7
—
ms
—
Short-Circuit Protection and OVP
Current-Limit Comparator
Offset
–15
–4
7
mV
VFB = 0.6V
Current-Limit Source Current
32
36
40
µA
VFB = 0.6V
Note 1:
Specification for packaged product only.
2:
The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have
low voltage VTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com