Electronic Components Datasheet Search
  English  ▼

X  

HV9110 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV9110
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9110 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV9110 Datasheet HTML 5Page - Microchip Technology HV9110 Datasheet HTML 6Page - Microchip Technology HV9110 Datasheet HTML 7Page - Microchip Technology HV9110 Datasheet HTML 8Page - Microchip Technology HV9110 Datasheet HTML 9Page - Microchip Technology HV9110 Datasheet HTML 10Page - Microchip Technology HV9110 Datasheet HTML 11Page - Microchip Technology HV9110 Datasheet HTML 12Page - Microchip Technology HV9110 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005505A-page 9
HV9110/HV9112/HV9113
4.0
TEST CIRCUITS
The test circuits for characterizing error amplifier output impedance, ZOUT, and error amplifier, power supply rejection
ratio, PSRR, are shown in Figure 4-1 and Figure 4-2.
+
–
Reference
60k
40k
1V swept 100 Hz-2.2 MHz
Tektronix
P6021
(1 turn
secondary)
+10 V
DD
GND
FB
NOTE:
Set Feedback Voltage so that V
COMP = VDIVIDE ±1 mV
before connecting transformer
100 nF
V
1
V
2
FIGURE 4-1:
Error Amp ZOUT.
+
–
Reference
0.1V swept
10 Hz-1.0 MHz
100 nF
10.0V
4.0V
100k1%
100k1%
V
2
V
1
FIGURE 4-2:
PSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com