Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 11 Page - Microchip Technology

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9113 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HV9113 Datasheet HTML 7Page - Microchip Technology HV9113 Datasheet HTML 8Page - Microchip Technology HV9113 Datasheet HTML 9Page - Microchip Technology HV9113 Datasheet HTML 10Page - Microchip Technology HV9113 Datasheet HTML 11Page - Microchip Technology HV9113 Datasheet HTML 12Page - Microchip Technology HV9113 Datasheet HTML 13Page - Microchip Technology HV9113 Datasheet HTML 14Page - Microchip Technology HV9113 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005505A-page 11
HV9110/HV9112/HV9113
5.8
Output Buffer
The output buffer of HV9110/HV9112/HV9113 is of
standard CMOS construction P-channel pull-up and N-
channel pull-down. Thus, the body-drain diodes of the
output stage can be used for spike clipping. External
Schottky diode clamping of the output is not required.
50%
t
D
1.5V
CS
0
t
SD
50%
90%
90%
VDD
NSD
0
t
LW
50%
50%
t
SW
50%
50%
t
RW
50%
t
R ≤ 10ns
t
F ≤ 10ns
t
R, tF ≤ 10ns
VDD
NSD
0
VDD
RST
0
VDD
GATE
0
VDD
GATE
0
FIGURE 5-1:
Shutdown Timing Waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com