Electronic Components Datasheet Search
  English  ▼

X  

MICRF219A Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF219A
Description  300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF219A_15 Datasheet HTML 1Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 2Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 3Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 4Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 5Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 6Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 7Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 8Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MICRF219A
300MHz to 450MHz ASK/OOK Receiver with
Auto-Poll, and RSSI
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 12, 2015
Revision 3.0
RadioTech@micrel.com or (408) 944-0800
General Description
The
MICRF219A
is
a
300MHz to
450MHz super-
heterodyne, image-reject, RF receiver with automatic gain
control, ASK/OOK demodulator, and analog RSSI output.
It only requires a crystal and a minimum number of
external components to implement. The MICRF219A is
ideal for low-cost, low-power, RKE, TPMS, and remote
actuation applications.
The MICRF219A achieves
−110dBm sensitivity at a bit
rate of 1kbps with 0.1% BER. Four demodulator filter
bandwidths are selectable in binary steps from 1625Hz to
13kHz at 433.92MHz, allowing the device to support bit
rates up to 20kbps. The device operates from a supply
voltage of 3.0V to 3.6V, and typically consumes 4.3mA of
supply current at 315MHz and 6.0mA at 433.92MHz. A
shutdown mode reduces supply current to 0.1
μA typical.
Datasheets and support documentation can be found on
Micrel’s website at: www.micrel.com.
Features
• –110dBm sensitivity at 1kbps with 0.1% BER
• Auto-polling mode with bit checking
• Supports bit rates up to 20kbps at 433.92MHz
• 25dB image-reject mixer
• No IF filter required
• 60dB analog RSSI output range
• 3.0V to 3.6V supply voltage range
• 4.3mA supply current at 315MHz
• 6.0mA supply current at 434MHz
• 13
μA supply current in sleep mode
• 0.1
μA supply current in shutdown mode
• 16-pin QSOP package (4.9mm x 6.0mm)
• −40°C to +105°C temperature range
• 3kV HBM ESD Rating
_________________________________________________________________________________________________________________________
Typical Application
MICRF219A Typical Application Circuit (433.92MHz, 1kbps)


Similar Part No. - MICRF219A_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219AAYQS MICREL-MICRF219AAYQS Datasheet
722Kb / 23P
ASK/OOK Receiver
MICRF219AYQS MICREL-MICRF219AYQS Datasheet
892Kb / 23P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
More results

Similar Description - MICRF219A_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
MAX7036 MAXIM-MAX7036_10 Datasheet
218Kb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219 MICREL-MICRF219_11 Datasheet
892Kb / 23P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_12 Datasheet
174Kb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
Micrel Semiconductor
MICRF230 MICREL-MICRF230 Datasheet
856Kb / 20P
400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
MICRF229 MICREL-MICRF229 Datasheet
831Kb / 23P
400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
logo
Maxim Integrated Produc...
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com