Electronic Components Datasheet Search
  English  ▼

X  

MICRF112 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF112
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF112_13 Datasheet HTML 1Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 2Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 3Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 4Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 5Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 6Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 7Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 8Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MICRF112
300MHz to 450MHz, +10dBm, 1.8V to 3.6V,
ASK/FSK Transmitter with Shutdown
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2013
M9999-020713
General Description
The MICRF112 is a high-performance, easy to use, true
“Data-In, RF-Out,” ASK/FSK, phase-locked loop (PLL)
based, transmitter IC for applications in the 300MHz to
450MHz frequency range. These applications include
remote keyless entry (RKE) and tire pressure monitoring
(TPMS). The device needs only a low-cost crystal to
precisely set the desired RF frequency, and a few external
components for matching the power amplifier output to the
antenna.
The MICRF112 operates over the 1.8V to 3.6V operating
range
and delivers +10dBm (CW) output power into a 50Ω
load, while consuming 11.5mA of supply current from a
3.0V power supply. In ASK mode, the device consumes
6.9mA of supply current at a data rate of 1kbps
(Manchester 50%). It features a low-power shutdown
mode in which the device typically consumes 50nA of
supply current. This makes it an ideal solution for battery
powered applications.
The MICRF112 is rated for the
−40°C to +125°C
temperature range, and is available in 10-pin MSOP and
10-pin
Ultra-Thin
DFN
packages.
For
automotive
applications, where AEC-Q100 qualification is required,
consider the MAQRF112. For ASK-only applications that
do not require shutdown, consider the MICRF113 in
SOT23-6.
Datasheets and support documentation can be found on
Micrel’s website at: www.micrel.com.
Features
• 1.8V to 3.6V supply voltage range
• Up to +10dBm output power (CW)
• 6.9mA supply current at 1kbps ASK (50% Manchester)
• 11.5mA supply current at +10dBm (FSK/CW)
• 1µA shutdown supply current
• Data rates up to 50kbps ASK, 10kbps FSK
• Crystal or ceramic resonators sets RF frequency
• −40°C to +125°C temperature range
• 10-pin MSOP (3.0mm x 4.9mm)
• 10-pin Ultra-Thin DFN (2mm x 2mm x 0.4mm)
Applications
• Remote keyless entry systems (RKE)
• Remote control (STB, HVAC, and appliances)
• Garage door openers (GDO)
• Tire pressure monitor systems (TPMS)
• Outdoor weather stations
• Security/Alarm systems
• Lighting and fan remote controls
• Doorbells
• Irrigation control
Typical Application


Similar Part No. - MICRF112_13

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_11 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
More results

Similar Description - MICRF112_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
300MHz to 450MHz 10dBm ASK Transmitter in SOT23
logo
Maxim Integrated Produc...
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
logo
Micrel Semiconductor
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com