Electronic Components Datasheet Search
  English  ▼

X  

MICRF112YMM Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF112YMM
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112YMM Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF112YMM Datasheet HTML 13Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 14Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 15Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 16Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 17Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 18Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 19Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 20Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 21Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
18
M9999-020713
Tx112-1-315MHz ASK Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM21BR60J106KE01L
Murata
(1)
10µF Capacitor, 0805
1
C2
GRM1885C1H101JA01D
Murata
100pF Capacitor, 0603
1
C5
GRM1885C1H1000JA01D
Murata
10pF Capacitor, 0603
1
R1,R4,R6
3
C6,C8,C11,C12,C15
5
C7
GRM1885C1H6R8JA01D
Murata
4.7pF Capacitor, 0603
1
C10
GRM188F51H104ZA01D
Murata
0.1µF Capacitor, 0603
1
C13,C14
GRM1885C1H180JA01D
Murata
18pF Capacitor, 0603
2
J1,J2
TSHR-114-S-02-A-GT
CON3
2
L1
0805CS-470XJB
Coilcraft
(2)
470nH Inductor, 0805
1
L4
0603CS-R15XJB
Coilcraft
150nH Inductor, 0603
1
L5
ANTENNA LOOP, Part of PCB
Antenna
1
R2
CRCW0603100KFKEA
Vishay
(3)
100k
Ω Resistor, 0603
1
R3,R5,R7
R8,JPR1,JPR2
CRC06030000Z0EA
Vishay
0
Ω Resistor, 0603
6
U1
MICRF112YMM
Micrel
(4)
300MHz to 450MHz, +10dBm
ASK/FSK Transmitter with
Shutdown
1
Y1
SA-9.84375-F-10-C-3-3
HIB
(5)
9.84375MHz XTAL
1
Notes:
1.
Murata Tel: www.murata.com.
2.
Coilcraft: www.coilcraft.com.
3.
Vishay Tel: www.vishay.com.
4.
Micrel, Inc.: www.micrel.com.
5.
HIB: www.hib.com.br.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com