Electronic Components Datasheet Search
  English  ▼

X  

SBLD3045CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SBLD3045CL
Description  Switchmode Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SBLD3045CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  SBLD3045CL Datasheet HTML 1Page - Mospec Semiconductor SBLD3045CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SBLD3045CL
Switchmode Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal. The properitary barrier technology allows for
reliable operation up to 150℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptators, DC/DC convertes,free-
wheeling and polarity protection diodes.
Features
*
Super Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
150℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
30 AMPERES
45 VOLTS
MAXIMUM RATINGS
Characteristic
Symbol
SBLD3045CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
RMS Reverse Voltage
VR(RMS)
31.5
V
Average Rectifier Forward Current
(per diode)
Total Device (Rated VR), TC=100℃
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
30
A
Non-Repetitive Peak Surge Current (Surge applied
at rate load conditions halfware, single phase, 60Hz)
IFSM
300
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +150
℃
TO-3P
MILLIMETERS
DIM
MIN
MAX
A
20.63
22.38
B
15.38
16.20
C
1.90
2.70
D
5.10
6.10
E
14.81
15.22
F
11.72
12.84
G
4.20
4.50
H
1.82
2.46
I
2.92
3.23
J
0.89
1.53
K
5.26
5.66
L
18.50
21.50
M
4.68
5.36
N
2.40
2.80
O
3.25
3.65
P
0.55
0.70
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθ j-c
3.6
℃
/w
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
SBLD3045CL
Unit
Maximum Instantaneous Forward Voltage (per diode)
Min.
Typ.
Max.
( IF =0.1 Amp TC = 25℃)
---
0.26
0.28
( IF =7.5 Amp TC = 25℃)
---
0.43
0.46
( IF =15 Amp TC = 25℃)
VF
---
0.50
0.52
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
---
0.10
0.5
( Rated DC Voltage, TC = 100℃)
IR
---
12
30
mA


Similar Part No. - SBLD3045CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SBLD3060CL MOSPEC-SBLD3060CL Datasheet
161Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
More results

Similar Description - SBLD3045CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBR1060CL MOSPEC-MBR1060CL Datasheet
150Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
MBR2060CL MOSPEC-MBR2060CL Datasheet
194Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
SBL1060CL MOSPEC-SBL1060CL Datasheet
152Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
SBL3060CL MOSPEC-SBL3060CL Datasheet
152Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
MBR1060CT MOSPEC-MBR1060CT Datasheet
131Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S10T100CB MOSPEC-S10T100CB Datasheet
139Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S10T100FB MOSPEC-S10T100FB Datasheet
139Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S10T150C MOSPEC-S10T150C Datasheet
139Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S20T120F MOSPEC-S20T120F Datasheet
140Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S30T80C MOSPEC-S30T80C Datasheet
135Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com